Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAT54AWT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBAT54AWT1G
Description  Dual Series Schottky
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT54AWT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBAT54AWT1G_15 Datasheet HTML 1Page - Leshan Radio Company LBAT54AWT1G_15 Datasheet HTML 2Page - Leshan Radio Company LBAT54AWT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LBAT54AWT1G , S-LBAT54AWT1G
LESHAN RADIO COMPANY, LTD.
Rev.B 2/3
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
100
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
f=1MHz
FORWARD VOLTAGE:VF(V)
REVERSE VOLTAGE:VR(V)
REVERSE VOLTAGE:VR(V)
Fig.2 FORWARD CHARACTERISTICS
Fig.3 REVERSE CHARACTERISTICS
Fig.4 VR-CT CHARACTERISTICS
0.01
-55℃
25℃
75℃
100℃
125℃
-55℃
25℃
75℃
100℃
125℃
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Fig.1 RECOVERY TIME EQUIVALENT TEST CIRCUIT


Similar Part No. - LBAT54AWT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
   Dual Series Schottky Barrier Diodes
More results

Similar Description - LBAT54AWT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54AWT1 LRC-LBAT54AWT1 Datasheet
74Kb / 3P
   Dual Series Schottky
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
   SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
   Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
   Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
BAS70-04LT1 ONSEMI-BAS70-04LT1 Datasheet
43Kb / 4P
   Dual Series Schottky Barrier Diode
May, 2004 ??Rev. 6
BAS70-04LT1G ONSEMI-BAS70-04LT1G_16 Datasheet
89Kb / 3P
   Dual Series Schottky Barrier Diode
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com