Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1207 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1207
Description  Dual 250mA/60MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1207 Datasheet HTML 7Page - Linear Technology LT1207 Datasheet HTML 8Page - Linear Technology LT1207 Datasheet HTML 9Page - Linear Technology LT1207 Datasheet HTML 10Page - Linear Technology LT1207 Datasheet HTML 11Page - Linear Technology LT1207 Datasheet HTML 12Page - Linear Technology LT1207 Datasheet HTML 13Page - Linear Technology LT1207 Datasheet HTML 14Page - Linear Technology LT1207 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1207
Figure 5c. Large-Signal Response, AV = 2
Capacitance on the Inverting Input
Current feedback amplifiers require resistive feedback
from the output to the inverting input for stable operation.
Take care to minimize the stray capacitance between the
output and the inverting input. Capacitance on the invert-
ing input to ground will cause peaking in the frequency
response (and overshoot in the transient response), but it
does not degrade the stability of the amplifier.
Power Supplies
The LT1207 will operate from single or split supplies from
±5V (10V total) to ±15V (30V total). It is not necessary to
use equal value split supplies, however the offset voltage
and inverting input bias current will change. The offset
voltage changes about 500
µV per volt of supply mis-
match. The inverting bias current can change as much as
5
µA per volt of supply mismatch, though typically the
change is less than 0.5
µA per volt.
Thermal Considerations
Each amplifier in the LT1207 includes a separate thermal
shutdown circuit which protects against excessive inter-
nal (junction) temperature. If the junction temperature
exceeds the protection threshold, the amplifier will begin
cycling between normal operation and an off state. The
cycling is not harmful to the part. The thermal cycling
occurs at a slow rate, typically 10ms to several seconds,
which depends on the power dissipation and the thermal
time constants of the package and heat sinking. Raising
the ambient temperature until the device begins thermal
shutdown gives a good indication of how much margin
there is in the thermal design.
Heat flows away from the amplifier through the package’s
copper lead frame. Heat sinking is accomplished by using
the heat spreading capabilities of the PC board and its
copper traces. Experiments have shown that the heat
spreading copper layer does not need to be electrically
connected to the tab of the device. The PCB material can
be very effective at transmitting heat between the pad area
attached to the tab of the device and a ground or power
plane layer either inside or on the opposite side of the
board. Although the actual thermal resistance of the PCB
material is high, the length/area ratio of the thermal
S
APPLICATI
I FOR ATIO
LT1207 • F05c
RF = 750Ω
RL = 50Ω
Differential Input Signal Swing
The differential input swing is limited to about
±6V by an
ESD protection device connected between the inputs. In
normal operation, the differential voltage between the
input pins is small, so this clamp has no effect; however,
in the shutdown mode the differential swing can be the
same as the input swing. The clamp voltage will then set
the maximum allowable input voltage. To allow for some
margin, it is recommended that the input signal be less
than
±5V when the device is shut down.
LT1207 • F06
Figure 6. Large-Signal Response, CL = 10,000pF
VS = ±15V
RF = RG = 3k
RL =
at this rate is 1mA per picofarad of capacitance, so
10,000pF would require 10A! The photo (Figure 6) shows
the large-signal behavior with CL = 10,000pF. The slew
rate is about 60V/
µs, determined by the current limit of
600mA.


Similar Part No. - LT1207

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1207CS LINER-LT1207CS Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
More results

Similar Description - LT1207

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206 LINER-LT1206_07 Datasheet
321Kb / 16P
   250mA/60MHz Current Feedback Amplifi er
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
EL5292C ELANTEC-EL5292C Datasheet
307Kb / 15P
   Dual 600MHz Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com