Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L1SS400T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part No. L1SS400T1G
Description  Switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L1SS400T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L1SS400T1G_15 Datasheet HTML 1Page - Leshan Radio Company L1SS400T1G_15 Datasheet HTML 2Page - Leshan Radio Company L1SS400T1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
SOD - 523
2
L1SS400T1G
2
ANODE
1
CATHODE
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
90
V
DC reverse voltage
VR
80
V
Peak forward current
I FM
225
mA
Mean rectifying current
I O
100
mA
Surge current (1s)
I surge
500
mA
Junction temperature
Tj
150
°C
Storage temperature
Tstg
– 55 ~ +150
°C
Switching diode
• Applications
High speed switching
• Features
1) Extremely small surface mounting type.
2) High Speed.
3) High reliability.
• Construction
Silicon epitaxial planar
1
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
I F=100mA
Reverse current
I R
0.1
µAV
R=80V
Capacitance between terminals
CT
0.72
3.0
pF
VR=0.5V , f=1MHz
Reverse recovery time
trr
R=6V , IF=10mA , RL=100
We declare that material of product compliance
with ROHS requirements.
4
ns
V
Rev.O 1/3
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
S-L1SS400T1G
Device
Marking
Shipping
3000/Tape&Reel
L1SS400T3G
A
10000/Tape&Reel
L1SS400T1G
A
ORDRING INFORMATION
S-L1SS400T1G
S-L1SS400T3G


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn