Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1125 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1125
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1125 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1125_15 Datasheet HTML 3Page - Linear Technology LT1125_15 Datasheet HTML 4Page - Linear Technology LT1125_15 Datasheet HTML 5Page - Linear Technology LT1125_15 Datasheet HTML 6Page - Linear Technology LT1125_15 Datasheet HTML 7Page - Linear Technology LT1125_15 Datasheet HTML 8Page - Linear Technology LT1125_15 Datasheet HTML 9Page - Linear Technology LT1125_15 Datasheet HTML 10Page - Linear Technology LT1125_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1124/LT1125
7
11245ff
For more information www.linear.com/LT1124
Output Short-Circuit Current
vs Time
Typical perForMance characTerisTics
Voltage Gain vs Frequency
Voltage Gain vs Temperature
Gain, Phase Shift vs Frequency
Input Offset Voltage Drift
Distribution
Input Bias Current Over the
Common Mode Range
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
TIME FROM OUTPUT SHORT TO GND (MINUTES)
0
0
20
40
50
2
3
4
LT1124 G06
1
VS = ±15V
10
30
–10
–20
–30
–40
–50
125°C
25°C
125°C
–55°C
25°C
–55°C
COMMON MODE INPUT VOLTAGE (V)
–15
–20
–10
5
20
–10
5
15
1124/25 G07
–5
10
–15
0
10
–5
15
0
DEVICE WITH POSITIVE
INPUT CURRENT
DEVICE WITH NEGATIVE
INPUT CURRENT
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
80
100
120
140
160
1k
100k
1M
10M
1124/25 G08
10k
60
40
20
0
TA = 25°C
VS = ±15V
VCM = ±10V
FREQUENCY (Hz)
1
0
20
40
120
140
160
102
108
1124/25 G09
10
103 104 105 106 107
60
100
80
–PSRR
+PSRR
TA = 25°C
FREQUENCY (Hz)
0.01
–20
20
140
180
1
100
10k
100M
1124/25 G10
60
100
1M
VS = ±15V
TA = 25°C
TEMPERATURE (°C)
–75
0
6
12
20
–50
25
75
125
1124/25 G11
–25
0
50
100
LT1124AM/LT1125AM
2
4
8
10
14
16
18
LT1124M/LT1125M
L
L
LT1124AM/LT1125AM
LT1124M/LT1125M
R = 10k
R = 2k
V = 15V
V
= 10V
S
±
±
OUT
FREQUENCY (MHz)
0.1
–10
0
30
40
50
1
10
100
1124/25 G12
10
20
GAIN
Ø
VS = ±15V
TA = 25°C
CL = 10pF
180
120
80
140
160
100
200
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–0.8
10
20
30
0.4
0.8
1124/25 G13
–0.4
0
N8
S8
J8
396 UNITS TESTED
200
100
96
VS = ±15V
40
0


Similar Part No. - LT1125_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1125AC LINER-LT1125AC Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125ACN LINER-LT1125ACN Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125AM LINER-LT1125AM Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125AMJ LINER-LT1125AMJ Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125C LINER-LT1125C Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results

Similar Description - LT1125_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com