Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1114 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1114
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1114_15 Datasheet HTML 4Page - Linear Technology LT1114_15 Datasheet HTML 5Page - Linear Technology LT1114_15 Datasheet HTML 6Page - Linear Technology LT1114_15 Datasheet HTML 7Page - Linear Technology LT1114_15 Datasheet HTML 8Page - Linear Technology LT1114_15 Datasheet HTML 9Page - Linear Technology LT1114_15 Datasheet HTML 10Page - Linear Technology LT1114_15 Datasheet HTML 11Page - Linear Technology LT1114_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1112/LT1114
111214fb
Common Mode Range and
Voltage Swing with Respect to
Supply Voltages
Output Voltage Swing
vs Load Current
Minimum Supply Voltage vs Temp
Voltage Gain at Minimum Supply
Voltage
OUTPUT CURRENT (mA)
–9
V+ – 1
06
LT1112/14 • TPC18
–6
–3
39
V
V+
V+ – 2
V+ – 3
V + 3
V + 2
V + 1
SINK
SOURCE
VS = ±1V TO ± 20V
TA = 25°C
MAX IL AT ±1V = 1.3mA
AT
±1.5V = 3mA
TEMPERATURE (
°C)
–75
V
V+
–25
LT1112/14 • TPC17
V+ – 0.2
25
125
V+ – 0.4
V+ – 0.6
V+ – 0.8
V+ – 1.0
V+ 0.8
V+ 0.6
V+ 0.4
V+ 0.2
75
VS = ±1V TO ±20V
IL < 100µA
SWING
CM RANGE
SWING
CM RANGE
TEMPERATURE (
°C)
–50
60
80
100
±1.2
±0.9
0
50
75
LT1112/14 • TPC16
40
±1.0
±1.1
–25
25
100
125
TYPICAL PERFOR A CE CHARACTERISTICS
Power Supply Rejection
vs Frequency
Voltage Gain
OUTPUT VOLTAGE (V)
–15
15
10
5
0
–5
–15
–10
–5
0
5
LT1112/14 • TPC19
10
15
–10
VS = ±15V
TA = 25°C
RL = 10k
RL = 2k
FREQUENCY (Hz)
0.1
100
120
140
100
10k
LT1112/14 • TPC23
80
60
110
1k
100k
1M
40
20
VS = ±15V
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
FREQUENCY (Hz)
1
80
100
120
1k
100k
LT1112/14 • TPC22
60
40
10
100
10k
1M
20
0
140
VS = ±15V
TA = 25°C
Common Mode Rejection
vs Frequency
Channel Separation vs Frequency
Gain, Phase Shift vs Frequency
Voltage Gain vs Frequency
FREQUENCY (Hz)
0.01
60
80
100
1M
LT1112/14 • TPC20
40
20
–20
1
100
10k
0
140
120
0.1
10M
10
1k
100k
VS = ±15V
TA = 25°C
FREQUENCY (MHz)
0.01
–10
20
30
40
0.1
1
10
LT1112/14 • TPC21
10
0
VS = ±15V
TA = 25°C
PHASE
GAIN
PHASE MARGIN = 70
°C
200
140
120
100
160
180
FREQUENCY (Hz)
1
80
100
120
10k
160
LT1112/14 • TPC24
100
1M
140
10
100k
1k
VS = ±15V
TA = 25°C
AMP 1 IN UNITY-GAIN
20VP-P, RL = 2k
AMP 2 IN GAIN = 1000
RS = 100Ω, RF = 100k


Similar Part No. - LT1114_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1114AC LINER-LT1114AC Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114ACN LINER-LT1114ACN Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Integrated Syste...
LT1114ACN LINEAR-LT1114ACN Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1114AM LINER-LT1114AM Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114AMJ LINER-LT1114AMJ Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
More results

Similar Description - LT1114_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com