Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA109AP-11-2-1855 Datasheet(PDF) 1 Page - ORION FANS

Part # OA109AP-11-2-1855
Description  AC Fan
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA109AP-11-2-1855 Datasheet(HTML) 1 Page - ORION FANS

  OA109AP-11-2-1855 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frame
Aluminum Die-cast
Notes
Impeller
Metal alloy
Date: 050113
Connection *
Lead wires or Terminal
Environmental Protection:
IP55
Storage Temp:
-40C ~ +100C
Weight: 580g (1.27 lbs)
Motor
AC Shaded pole,
Impedance protected
Bearing System
Dual Ball bearing
Insulation Resistance >100MOhm at 500VDC
Available AC voltages by special
order: 12, 24, 28, 38, 42, 48, 440,
480. Dual speed also available.
Call for information.
Dielectric Strength
> 60 seconds at
1500VAC
Operating Temp
Range
-30C ~ +80C
(non-condensing)
* Specify configuration:
TB = Terminal, Ball bearing
WB = Wire leads, Ball bearing
Life Expectancy
50000 hours (55C)
All Metal Fans
AC - Harsh Environment
120 x 38mm (4.7” x 1.5”)
Knight Electronics, Inc
10557 Metric Dr.
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data
is subject to change without
prior notification
Model No.
Speed
(RPM)
Airflow
(CFM)
Noise
Volts AC
Voltage
Range AC
Watts
Max.
Static
Pressure
(“H2O)
Curves
OA109AP-11-1 * 1855
2650
3100
90
105
48
115
100 ~ 120
21
10
0.25
0.22
2 (50Hz)
1 (60Hz)
OA109AP-11-2 * 1855
2400
2500
82
85
43
115
100 ~ 120
14
13
0.17
0.12
4 (50Hz)
3 (60Hz)
OA109AP-11-3 * 1855
1700
1800
58
60
32
115
100 ~ 120
12
9
0.11
0.09
6 (50Hz)
5 (60Hz)
OA109AP-22-1 * 1855
2650
3100
90
105
48
230
200 ~ 240
21
10
0.25
0.22
2 (50Hz)
1 (60Hz)
OA109AP-22-2 * 1855
2400
2500
82
85
43
230
200 ~ 240
14
13
0.17
0.12
4 (50Hz)
3 (60Hz)
OA109AP-22-3 * 1855
1700
1800
58
60
32
230
200 ~ 240
12
9
0.11
0.09
6 (50Hz)
5 (60Hz)
Knight Electronics, Inc
10557 Metric Dr.
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data
is subject to change without
prior notification
OA109AP Metal Series


Similar Part No. - OA109AP-11-2-1855

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109AP-11-2 ORIONFANS-OA109AP-11-2 Datasheet
837Kb / 1P
   AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7?쓝 1.5??
OA109AP-11-2 ORIONFANS-OA109AP-11-2 Datasheet
370Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109AP-11-21855 ORIONFANS-OA109AP-11-21855 Datasheet
240Kb / 1P
   AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109AP-11-2R ORIONFANS-OA109AP-11-2R Datasheet
120Kb / 1P
   AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
OA109AP-11-2R ORIONFANS-OA109AP-11-2R Datasheet
470Kb / 1P
   AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
More results

Similar Description - OA109AP-11-2-1855

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109AP-11 ORIONFANS-OA109AP-11 Datasheet
928Kb / 1P
   AC Fan
OA162-5E-115 ORIONFANS-OA162-5E-115 Datasheet
101Kb / 1P
   AC Fan
OA180ANL-11-1-1856 ORIONFANS-OA180ANL-11-1-1856 Datasheet
532Kb / 1P
   AC Fan
OA200AN-11-1-1856 ORIONFANS-OA200AN-11-1-1856 Datasheet
307Kb / 1P
   AC Fan
OA938AP-11-1-1855 ORIONFANS-OA938AP-11-1-1855 Datasheet
323Kb / 1P
   AC Fan
OA205AN-11-1-1856 ORIONFANS-OA205AN-11-1-1856 Datasheet
281Kb / 1P
   AC Fan
OA280AN-11-1TB18 ORIONFANS-OA280AN-11-1TB18 Datasheet
287Kb / 1P
   AC Fan
OA254AP-11-1TB ORIONFANS-OA254AP-11-1TB Datasheet
155Kb / 1P
   AC Fan
OA2543AN-11-1-1856 ORIONFANS-OA2543AN-11-1-1856 Datasheet
298Kb / 1P
   AC Fan
OA180AP-22-1TB-IP55 ORIONFANS-OA180AP-22-1TB-IP55 Datasheet
186Kb / 1P
   AC Fan
OA2547AN-11-1-1856 ORIONFANS-OA2547AN-11-1-1856 Datasheet
304Kb / 1P
   AC Fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com