Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRD6380W22 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DRD6380W22
Description  Rectifier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DRD6380W22 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DRD6380W22_15 Datasheet HTML 1Page - Dynex Semiconductor DRD6380W22_15 Datasheet HTML 2Page - Dynex Semiconductor DRD6380W22_15 Datasheet HTML 3Page - Dynex Semiconductor DRD6380W22_15 Datasheet HTML 4Page - Dynex Semiconductor DRD6380W22_15 Datasheet HTML 5Page - Dynex Semiconductor DRD6380W22_15 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DRD6380W22
2/6
www.dynexsemi.com
CURRENT RATINGS
Tcase = 75°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
Double Side Cooled
IF(AV)
Mean forward current
Half wave resistive load
7740
A
IF(RMS)
RMS value
-
12150
A
IF
Continuous (direct) on-state current
-
10940
A
Tcase = 100°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
Double Side Cooled
IF(AV)
Mean forward current
Half wave resistive load
6380
A
IF(RMS)
RMS value
-
10020
A
IF
Continuous (direct) on-state current
-
9020
A
SURGE RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
IFSM
Surge (non-repetitive) on-state current
10ms half sine, Tcase = 175°C
78.0
kA
I
2t
I
2t for fusing
VR = 0
30.42
MA
2s


Similar Part No. - DRD6380W22_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRD6380W22 DYNEX-DRD6380W22 Datasheet
284Kb / 6P
   Rectifier Diode
More results

Similar Description - DRD6380W22_15

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com