Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM2220-AA Datasheet(PDF) 3 Page - Linear Technology

Part # LTM2220-AA
Description  12-Bit, 170Msps ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2220-AA Datasheet(HTML) 3 Page - Linear Technology

  LTM2220-AA Datasheet HTML 1Page - Linear Technology LTM2220-AA Datasheet HTML 2Page - Linear Technology LTM2220-AA Datasheet HTML 3Page - Linear Technology LTM2220-AA Datasheet HTML 4Page - Linear Technology LTM2220-AA Datasheet HTML 5Page - Linear Technology LTM2220-AA Datasheet HTML 6Page - Linear Technology LTM2220-AA Datasheet HTML 7Page - Linear Technology LTM2220-AA Datasheet HTML 8Page - Linear Technology LTM2220-AA Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTM2220-AA
3
2220aaf
CONVERTER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
12
Bits
Integral Linearity Error
(Note 5)
–1.5
±0.5
1.5
LSB
Differential Linearity Error
–1
±0.3
1
LSB
Offset Error
(Note 6)
–35
±3
35
mV
Gain Error
±0.5
%FS
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
ANALOG INPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Differential Input Range
VIN
+ – VIN–
1.536
V
VIN, CM
Common Mode Input Range
(VIN
+ + VIN–)/2
0
3.6
V
fL
Lower –3dB Frequency
1.6
kHz
fH
Upper –3dB Frequency
RS = 75Ω
195
MHz
tJITTER
Sample and Hold Jitter
0.2
psRMS
The denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
DYNAMIC ACCURACY
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
10MHz Input
66.2
dB
70MHz Input
63.5
66.1
dB
SINAD
Signal to Noise Plus Distortion Ratio
10MHz Input
66.1
dB
70MHz Input
63.2
65.9
dB
SFDR
Spurious Free Dynamic Range: 2nd or
3rd Harmonic
10MHz Input
84
dB
70MHz Input
70
84
dB
SFDR
Spurious Free Dynamic Range: 4th
Harmonic or Higher
10MHz Input
90
dB
70MHz Input
78
90
dB
IMD
Intermodulation Distortion
fIN1 = 138MHz, fIN2 = 140MHz
81
dB
The denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)


Similar Part No. - LTM2220-AA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2220-AA LINER-LTM2220-AA Datasheet
198Kb / 12P
   12-Bit, 170Msps ADC
More results

Similar Description - LTM2220-AA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2240-12 LINER-LTC2240-12 Datasheet
509Kb / 28P
   12-Bit, 170Msps ADC
LTM2220-AA LINER-LTM2220-AA Datasheet
198Kb / 12P
   12-Bit, 170Msps ADC
LTC2240-12 LINER-LTC2240-12_15 Datasheet
547Kb / 30P
   12-Bit, 170Msps ADC
LTC2240-10 LINER-LTC2240-10 Datasheet
476Kb / 28P
   10-Bit, 170Msps ADC
LTC2240-10 LINER-LTC2240-10_15 Datasheet
474Kb / 28P
   10-Bit, 170Msps ADC
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX19542 MAXIM-MAX19542 Datasheet
287Kb / 23P
   12-Bit, 170Msps ADC with CMOS Outputs for Wideband Applications
19-3464; Rev 1; 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com