Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC4412HV Datasheet(PDF) 4 Page - Linear Technology

Part No. LTC4412HV
Description  36V, Low Loss PowerPath Controller in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC4412HV Datasheet(HTML) 4 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC4412HV
sn4412hv 4412hvfs
VFR vs Temperature and
Supply Voltage
VRTO vs Temperature and
Supply Voltage
Normalized Quiescent Supply
Current vs Temperature
VIN and SENSE Pin Leakages vs
Temperature and Supply Voltage
VG(ON) vs Temperature
VG(OFF) vs Temperature and IGATE
tG(ON) vs Temperature and
Supply Voltage
tG(OFF) vs Temperature and
Supply Voltage
IS(SNK) vs Temperature and VIN
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
22
20
18
25
75
4412HV G01
–25
0
50
100
125
VIN = 2.5V
VIN = 28V
VIN = 36V
TEMPERATURE (
°C)
–50
22
20
18
25
75
4412HV G02
–25
0
50
100
125
VIN = 2.5V
VIN = 28V
VIN = 36V
TEMPERATURE (
°C)
–50
1.05
1.0
0.95
25
75
4412HV G03
–25
0
50
100
125
3.6V
≤ VIN ≤ 36V
TEMPERATURE (
°C)
–50
0
–1
–2
–3
–4
–5
25
75
4412HV G04
–25
0
50
100
125
ILEAK
IVIN: VSENSE = 36V, VIN = 0V
IVIN: VSENSE = 24V, VIN = –14V
ISENSE: VIN = 36V, VSENSE = 0V
ISENSE: VIN = 24V, VSENSE = –14V
TEMPERATURE (
°C)
–50
7.1
7.0
6.9
25
75
4412HV G05
–25
0
50
100
125
8V
≤ VIN ≤ 36V
IGATE = 1µA
TEMPERATURE (
°C)
–50
0.25
0.20
0.15
0.10
0.05
0
25
75
4412HV G06
–25
0
50
100
125
2.5V
≤ VIN ≤ 36V
IGATE = –10µA
IGATE = –5µA
IGATE = 0µA
TEMPERATURE (
°C)
–50
120
110
90
100
25
75
4412HV G07
–25
0
50
100
125
VIN = 12V
VIN = 24V
VIN = 30V
VIN = 36V
TEMPERATURE (
°C)
–50
10.5
10.0
9.5
25
75
4412HV G09
–25
0
50
100
125
VSTAT = VIN – 1.5V
VIN = 36V
VIN = 2.5V
TEMPERATURE (
°C)
–50
15
14
13
12
11
10
25
75
4412HV G08
–25
0
50
100
125
VIN = 12V
VIN = 36V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn