Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC4412HV Datasheet(PDF) 12 Page - Linear Technology

Part No. LTC4412HV
Description  36V, Low Loss PowerPath Controller in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC4412HV Datasheet(HTML) 12 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC4412HV
sn4412hv 4412hvfs
PART NUMBER
DESCRIPTION
COMMENTS
LTC1473
Dual PowerPath Switch Driver
Switches and Isolates Sources Up to 30V
LTC1479
PowerPath Controller for Dual Battery Systems
Complete PowerPath Management for Two Batteries; DC Power Source,
Charger and Backup
LTC1558/LTC1559
Back-Up Battery Controller with Programmable Output
Adjustable Backup Voltage from 1.2V NiCd Button Cell,
Includes Boost Converter
LT
®1579
300mA Dual Input Smart Battery Back-Up Regulator
Maintains Output Regulation with Dual Inputs, 0.4V Dropout at 300mA
LTC1733/LTC1734
Monolithic Linear Li-Ion Chargers
Thermal Regulation, No External MOSFET/Sense Resistor
LTC1998
2.5
µA, 1% Accurate Programmable Battery Detector
Adjustable Trip Voltage/Hysteresis, ThinSOT
LTC4055
USB Power Controller and Li-Ion Linear Charger
Automatic Battery Switchover, Thermal Regulation, Accepts Wall Adapter
and USB Power, 4mm
× 4mm QFN
LTC4410
USB Power Manager in ThinSOT
Enables Simultaneous Battery Charging and
Operation of USB Component Peripheral Devices
LTC4411
SOT-23 Ideal Diode
2.6A Forward Current, 28mV Regulated Forward Voltage
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0304 1K • PRINTED IN USA
RELATED PARTS
PACKAGE DESCRIPTIO
S6 Package
6-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1636)
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45
6 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S6 TSOT-23 0302
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn