Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4401-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4401-2
Description  RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4401-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC4401-2_15 Datasheet HTML 1Page - Linear Technology LTC4401-2_15 Datasheet HTML 2Page - Linear Technology LTC4401-2_15 Datasheet HTML 3Page - Linear Technology LTC4401-2_15 Datasheet HTML 4Page - Linear Technology LTC4401-2_15 Datasheet HTML 5Page - Linear Technology LTC4401-2_15 Datasheet HTML 6Page - Linear Technology LTC4401-2_15 Datasheet HTML 7Page - Linear Technology LTC4401-2_15 Datasheet HTML 8Page - Linear Technology LTC4401-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC4401-1/LTC4401-2
4401fa
RF (Pins 1/8): RF Feedback Voltage from the Directional
Coupler. Referenced to VCC. A coupling capacitor of 33pF
must be used to connect to the ground referenced direc-
tional coupler. The frequency range is 300MHz to 2700MHz
for the LTC4401-1 and 300MHz to 2000MHz for the
LTC4401-2. This pin has an internal 250
Ω termination, an
internal Schottky diode detector and peak detector capaci-
tor.
GND (Pins 2/4): System Ground.
PCTL (Pins 3/5): Analog Input. The external power control
DAC drives this input. The amplifier servos the RF power
until the RF detected signal equals the DAC signal. The
input impedance is typically 90k
Ω.
VPCB (Pin 3): (LTC4401-2 Only) Power Control Voltage
Output. This pin drives an external RF power amplifier
power control pin. The maximum load capacitance is
100pF.
SHDN (Pins 4/6): Shutdown Input. A logic low on the SHDN
pin places the part in shutdown mode. A logic high places
the part in enable mode. SHDN has an internal 150k pull-
down resistor to ensure that the part is in shutdown when
the drivers are in a three-state condition.
VPCA (Pins 5/2): Power Control Voltage Output. This pin
drives an external RF power amplifier power control pin.
The maximum load capacitance is 100pF.
VCC (Pins 6/1): Input Supply Voltage, 2.7V to 6V. VCC
should be bypassed with 0.1
µFand100pFceramiccapaci-
tors. Used as return for RF 250
Ω termination.
BSEL (Pin 7): (LTC4401-2 Only) Selects VPCA when Low
and VPCB when High. This input has an internal 150k
resistor to ground.
PI FU CTIO S
LTC4401-1 Detector Characteristics
at 2700MHz
RF INPUT POWER (dBm)
10
100
1000
10000
–22
–10 –6 –2
6
210
14
1
–18 –14
4401 G04
75
°C
25
°C
–30
°C
TYPICAL PERFOR A CE CHARACTERISTICS
(LTC4401-1/LTC4401-2)
LTC4401-2 Detector Characteristics
at 900MHz
LTC4401-2 Detector Characteristics
at 1800MHz
RF INPUT POWER (dBm)
10
100
1000
10000
–28
–10
2
8
1
–22
–4
14
–16
4401 G05
75
°C
25
°C
–30
°C
RF INPUT POWER (dBm)
10
100
1000
10000
–26
–14
–8
–2
4
10
16
1
–20
4401 G06
75
°C
25
°C
–30
°C


Similar Part No. - LTC4401-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4401-2EMS8 LINER-LTC4401-2EMS8 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results

Similar Description - LTC4401-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com