Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4401-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4401-1
Description  RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4401-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4401-1_15 Datasheet HTML 2Page - Linear Technology LTC4401-1_15 Datasheet HTML 3Page - Linear Technology LTC4401-1_15 Datasheet HTML 4Page - Linear Technology LTC4401-1_15 Datasheet HTML 5Page - Linear Technology LTC4401-1_15 Datasheet HTML 6Page - Linear Technology LTC4401-1_15 Datasheet HTML 7Page - Linear Technology LTC4401-1_15 Datasheet HTML 8Page - Linear Technology LTC4401-1_15 Datasheet HTML 9Page - Linear Technology LTC4401-1_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC4401-1/LTC4401-2
4401fa
BLOCK DIAGRA
+
RF DET
+
GM
80mV
270kHz
FILTER
+
30k
22k
51k
30k
250
28pF
33pF
100
4401-2 BD
12
150k
60
µA60µA
RF
8
VCC
Li-Ion
1
VPCA
VPCA
GND
PCTL
5
BSEL
7
RF PA
RF PA
900MHZ
AZ
AUTOZERO
TXENB
+
+
100
12
CONTROL
150k
6
SHDN
10
µs
DELAY
VREF
50
1.8GHz/1.9GHz
4
68
VREF
GAIN
COMPRESSION
CLAMP
MUX1
MUX2
CC
38k
30k
33.4k
6k
30k
+
+
TXENB
LTC4401-2
VBG
DIPLEXER
3
VPCB
2
BUF A
BUF B
(LTC4401-2)


Similar Part No. - LTC4401-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4401-1ES6 LINER-LTC4401-1ES6 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results

Similar Description - LTC4401-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com