Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTC1804D Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC1804D
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC1804D Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC1804D Datasheet HTML 1Page - KEC(Korea Electronics) KTC1804D Datasheet HTML 2Page - KEC(Korea Electronics) KTC1804D Datasheet HTML 3Page - KEC(Korea Electronics) KTC1804D Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2003. 3. 27
2/4
KTC1804D/L
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification O:100~200, Y:140~280, GR:200~400.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=40V, IE=0
-
-
1
A
Emitter Cut-off Current
IEBO
VEB=4V, IC=0
-
-
1
A
DC Current Gain
hFE (1) (Note)
VCE=2V, IC=0.5A
100
-
400
hFE (2)
VCE=2V, IC=6A
35
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=4A, IB=0.2A
-
200
400
mV
Base-Emitter Saturation Voltage
VBE(sat)
IC=4A, IB=0.2A
-
0.95
1.3
mV
Collector-Base Breakdown Voltage
V(BR)CBO
IC=10 A, IE=0
60
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=
50
V
Emitter-base Breakdown Voltage
V(BR)EBO
IE=10 A, IC=0
6
-
-
V
Gain-Bandwidth Product
fT
VCE=5V, IC=1A
-
180
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
65
-
pF
Switching
Time
Turn On Time
ton
IB1
B1
I
CC
V =25V
IB2
IB2
20µsec
I =-I =0.4A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<=
-
50
-
nS
Storage Time
tstg
-
500
-
Fall Time
tf
-
20
-


Similar Part No. - KTC1804D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC1001 KEC-KTC1001 Datasheet
123Kb / 1P
   TRIPLE DIFFUSED NPN TRANSISTOR(COLOR TV CHROMA OUTPUT)
KTC1003 KEC-KTC1003 Datasheet
247Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR (B/W TV HORIZONTAL DEFLECTION OUTPUT)
logo
Inchange Semiconductor ...
KTC1003 ISC-KTC1003 Datasheet
146Kb / 2P
   isc Silicon NPN Power Transistor
logo
KEC(Korea Electronics)
KTC1003 KEC-KTC1003_15 Datasheet
455Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTC1006 KEC-KTC1006 Datasheet
249Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (CB TRANSCEIVER TX DRIVER)
More results

Similar Description - KTC1804D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1937 KEC-KTD1937 Datasheet
435Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, LAMP SOLENOID)
logo
Sanyo Semicon Device
2SC6144 SANYO-2SC6144 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6094 SANYO-2SC6094 Datasheet
43Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3246 SANYO-CPH3246 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3247 SANYO-CPH3247 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6097 SANYO-2SC6097 Datasheet
46Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC5979 SANYO-2SC5979 Datasheet
43Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6071 SANYO-2SC6071 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC5994 SANYO-2SC5994 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC5980 SANYO-2SC5980 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com