Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4300A-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4300A-1
Description  Hot Swappable 2-Wire Bus Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4300A-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4300A-1 Datasheet HTML 7Page - Linear Technology LTC4300A-1 Datasheet HTML 8Page - Linear Technology LTC4300A-1 Datasheet HTML 9Page - Linear Technology LTC4300A-1 Datasheet HTML 10Page - Linear Technology LTC4300A-1 Datasheet HTML 11Page - Linear Technology LTC4300A-1 Datasheet HTML 12Page - Linear Technology LTC4300A-1 Datasheet HTML 13Page - Linear Technology LTC4300A-1 Datasheet HTML 14Page - Linear Technology LTC4300A-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4300A-1/LTC4300A-2
11
4300a12fa
APPLICATIONS INFORMATION
these applications, note that if the I/O cards were plugged
directly into the backplane, all of the backplane and card
capacitances would add directly together, making rise-
and fall-time requirements difficult to meet. Placing a
LTC4300A on the edge of each card, however, isolates the
card capacitance from the backplane. For a given I/O card,
the LTC4300A drives the capacitance of everything on the
card and the backplane must drive only the capacitance
of the LTC4300A, which is less than 10pF.
Figure 3 shows the LTC4300A-1 in a CompactPCI configu-
ration. Connect VCC and ENABLE to the output of one of
the CompactPCI power supply Hot Swap circuits. Use a
pull-up resistor to ENABLE for a card side enable/disable.
VCC is monitored by a filtered UVLO circuit. With the VCC
voltage powering up after all other pins have established
connection, the UVLO circuit ensures that the backplane
and card data and clock busses are not connected until
the transients associated with live insertion have settled.
Owing to their small capacitance, the SDAIN and SCLIN
pins cause minimal disturbance on the backplane busses
when they make contact with the connector.
Figure 4 shows the LTC4300A-2 in a CompactPCI con-
figuration. The LTC4300A-2 receives its VCC voltage from
one of the long “early power” pins. Because this power is
not switched, add a 5Ω to 10Ω resistor between the VCC
pins of the connector and the LTC4300A-2, as shown in
Figure 4. Inserting Multiple I/O Cards into a Live Backplane Using the LTC4300A-2 in a CompactPCI System
C1
0.01μF
C3
0.01μF
C5
0.01μF
R13
10k
R12
10k
R14
10k
I/O PERIPHERAL CARD N
VCC
SDAIN
SCLIN
U3
LTC4300A-2
VCC2
GND
CARDN_SCL
CARDN_SDA
SDAOUT
SCLOUT
ACC
VCC
SDAIN
SCLIN
VCC2
GND
SDAOUT
SCLOUT
ACC
VCC
SDAIN
SCLIN
VCC2
GND
SDAOUT
SCLOUT
ACC
4300a12 F04
R9
10k
R8
10k
R10
10k
I/O PERIPHERAL CARD 2
U2
LTC4300A-2
CARD2_SCL
CARD2_SDA
R5
10k
R4
10k
R6
10k
I/O PERIPHERAL CARD 1
U1
LTC4300A-2
C2 0.01μF
5.1Ω
CARD_SCL
CARD_SDA
VCC2
BACKPLANE
BACKPLANE
CONNECTOR
SDA
SCL
VCC
BD_SEL
POWER SUPPLY
HOT SWAP
C4 0.01μF
5.1Ω
POWER SUPPLY
HOT SWAP
C6 0.01μF
5.1Ω
POWER SUPPLY
HOT SWAP
R1
10k
R2
10k


Similar Part No. - LTC4300A-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4300A-1 LINER-LTC4300A-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4300A-1 LINER-LTC4300A-1 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4300A-1 LINER-LTC4300A-1 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4300A-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com