Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5212DW1T1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMUN5212DW1T1G
Description  Dual Bias ResistorTransistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5212DW1T1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMUN5212DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN5212DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5212DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5212DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN5212DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN5212DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5212DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5212DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5212DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
4/10
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 5.)
DC Current Gain
LMUN5211DW1T1G
(V CE = 10 V, I C = 5.0 mA)
LMUN5212DW1T1G
LMUN5213DW1T1G
LMUN5214DW1T1G
LMUN5215DW1T1G
LMUN5216DW1T1G
LMUN5230DW1T1G
LMUN5231DW1T1G
LMUN5232DW1T1G
LMUN5233DW1T1G
LMUN5234DW1T1G
LMUN5235DW1T1G
LMUN5236DW1T1G
LMUN5237DW1T1G
h FE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
150
140
Output Voltage (on)
(V
CC = 5.0 V, V B = 2.5 V, R L = 1.0 kΩ)
LMUN5211DW1T1G
LMUN5212DW1T1G
LMUN5214DW1T1G
LMUN5215DW1T1G
LMUN5216DW1T1G
LMUN5230DW1T1G
LMUN5231DW1T1G
LMUN5232DW1T1G
LMUN5233DW1T1G
LMUN5234DW1T1G
LMUN5235DW1T1G
LMUN5213DW1T1G
LMUN5236DW1T1G
LMUN5237DW1T1G
V
OL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
(V
CC = 5.0 V, V B = 3.5 V, R L = 1.0 kΩ)
(V
CC = 5.0 V, V B = 5.5 V, R L = 1.0 kΩ)
(V
CC = 5.0 V, V B = 4.0 V, R L = 1.0 kΩ)
Output Voltage (off) (V CC = 5.0 V, V B = 0.5 V, R L = 1.0 k
Ω)
(V CC = 5.0 V, V B = 0.05 V, R L = 1.0 k
Ω)
LMUN5230DW1T1G
(V CC = 5.0 V, V B = 0.25 V, R L = 1.0 k
Ω)
LMUN5215DW1T1G
LMUN5216DW1T1G
LMUN5233DW1T1G
Collector-Emitter Saturation Voltage (IC= 10mA,IB= 0.3 mA) V CE(sat)
0.25
Vdc
(I C= 10mA, I B= 5mA) LMUN5230DW1T1G/LMUN5231DW1T1G
(I C= 10mA, IB= 1mA)
LMUN5215DW1T1G/LMUN5216DW1T1G
LMUN5232DW1T1G/LMUN5233DW1T1G/LMUN5234DW1T1G
V OH
4.9
Vdc
5. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
LMUN5211DW1T1G Series


Similar Part No. - LMUN5212DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5212DW1T1G LRC-LMUN5212DW1T1G Datasheet
169Kb / 10P
   Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - LMUN5212DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5233DW1T1G LRC-LMUN5233DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5232DW1T1G LRC-LMUN5232DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5234DW1T1G LRC-LMUN5234DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5211DW1T1G LRC-LMUN5211DW1T1G_15 Datasheet
228Kb / 10P
   Dual Bias ResistorTransistors
LMUN5236DW1T1G LRC-LMUN5236DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5237DW1T1G LRC-LMUN5237DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
logo
E-Tech Electronics LTD
MUN5211W ETL-MUN5211W Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
logo
Yea Shin Technology Co....
MUN5211DW YEASHIN-MUN5211DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
Leshan Radio Company
LMUN5213DW1T1G LRC-LMUN5213DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5214DW1T1G LRC-LMUN5214DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com