Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC164 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74AC164
Description  Serial-In, Parallel-Out Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC164 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74AC164_15 Datasheet HTML 1Page - Renesas Technology Corp HD74AC164_15 Datasheet HTML 2Page - Renesas Technology Corp HD74AC164_15 Datasheet HTML 3Page - Renesas Technology Corp HD74AC164_15 Datasheet HTML 4Page - Renesas Technology Corp HD74AC164_15 Datasheet HTML 5Page - Renesas Technology Corp HD74AC164_15 Datasheet HTML 6Page - Renesas Technology Corp HD74AC164_15 Datasheet HTML 7Page - Renesas Technology Corp HD74AC164_15 Datasheet HTML 8Page - Renesas Technology Corp HD74AC164_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74AC164/HD74ACT164
Rev.2.00, Jul.16.2004, page 3 of 8
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
–0.5 to 7
V
–20
mA
V
I = –0.5V
DC input diode current
I
IK
20
mA
V
I = Vcc+0.5V
DC input voltage
V
I
–0.5 to Vcc+0.5
V
–50
mA
V
O = –0.5V
DC output diode current
I
OK
50
mA
V
O = Vcc+0.5V
DC output voltage
V
O
–0.5 to Vcc+0.5
V
DC output source or sink current
I
O
±50
mA
DC V
CC or ground current per output pin
I
CC, IGND
±50
mA
Storage temperature
Tstg
–65 to +150
°C
Recommended Operating Conditions: HD74AC164
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
2 to 6
V
Input and output voltage
V
I, VO
0 to V
CC
V
Operating temperature
Ta
–40 to +85
°C
V
CC = 3.0V
V
CC = 4.5 V
Input rise and fall time
(except Schmitt inputs)
V
IN 30% to 70% VCC
tr, tf
8
ns/V
V
CC = 5.5 V
DC Characteristics: HD74AC164
Ta = 25
°°°°C
Ta = –40 to
+85
°°°°C
Item
Sym-
bol
Vcc
(V)
min.
typ.
max.
min.
max.
Unit
Condition
3.0
2.1
1.5
2.1
4.5
3.15
2.25
3.15
V
IH
5.5
3.85
2.75
3.85
V
OUT = 0.1 V or VCC –0.1 V
3.0
1.50
0.9
0.9
4.5
2.25
1.35
1.35
Input Voltage
V
IL
5.5
2.75
1.65
1.65
V
V
OUT = 0.1 V or VCC –0.1 V
3.0
2.9
2.99
2.9
4.5
4.4
4.49
4.4
5.5
5.4
5.49
5.4
V
IN = VIL or VIH
I
OUT = –50 µA
3.0
2.58
2.48
I
OH = –12 mA
4.5
3.94
3.80
I
OH = –24 mA
V
OH
5.5
4.94
4.80
V
IN = VIL or VIH
I
OH = –24 mA
3.0
0.002
0.1
0.1
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
V
IN = VIL or VIH
I
OUT = 50 µA
3.0
0.32
0.37
I
OL = 12 mA
4.5
0.32
0.37
I
OL = 24 mA
Output voltage
V
OL
5.5
0.32
0.37
V
V
IN = VIL or VIH
I
OL = 24 mA
Input leakage
current
I
IN
5.5
±0.1
±1.0
µAV
IN = VCC or GND
I
OLD
5.5
——86
—mA
V
OLD = 1.1 V
Dynamic output
current*
I
OHD
5.5
–75
mA
V
OHD = 3.85 V
Quiescent supply
current
I
CC
5.5
8.0
80
µAV
IN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - HD74AC164_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC164FPEL RENESAS-HD74AC164FPEL Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
HD74AC164P RENESAS-HD74AC164P Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
HD74AC164RPEL RENESAS-HD74AC164RPEL Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
HD74AC164TELL RENESAS-HD74AC164TELL Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
More results

Similar Description - HD74AC164_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
Motorola, Inc
SN54LS164 MOTOROLA-SN54LS164 Datasheet
78Kb / 4P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
74ACT164 NSC-74ACT164 Datasheet
112Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Texas Instruments
54F164A TI1-54F164A Datasheet
200Kb / 10P
[Old version datasheet]   54F164A Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com