Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616H-I Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1LV1616H-I
Description  Wide Temperature Range Version 16 M SRAM (1-Mword16-bit / 2-Mword8-bit)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616H-I Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1LV1616H-I_15 Datasheet HTML 3Page - Renesas Technology Corp R1LV1616H-I_15 Datasheet HTML 4Page - Renesas Technology Corp R1LV1616H-I_15 Datasheet HTML 5Page - Renesas Technology Corp R1LV1616H-I_15 Datasheet HTML 6Page - Renesas Technology Corp R1LV1616H-I_15 Datasheet HTML 7Page - Renesas Technology Corp R1LV1616H-I_15 Datasheet HTML 8Page - Renesas Technology Corp R1LV1616H-I_15 Datasheet HTML 9Page - Renesas Technology Corp R1LV1616H-I_15 Datasheet HTML 10Page - Renesas Technology Corp R1LV1616H-I_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
R1LV1616H-I Series
Rev.1.01, Nov.18.2004, page 5 of 19
Block Diagram (TSOP)
I/O0
I/O15
CS2
BYTE#
WE#
OE#
A17 A7A6
A2
A0
V
V
CC
SS
Row
decoder
Memory matrix
8,192 x 128 x 16
8,192 x 256 x 8
Column I/O
Column decoder
Input
data
control
Control logic
A1
A15
A14
A13
A12
A11
A10
A9
A8
A18
A16
A19
A4
A5
CS1#
LB#
UB#
A3
LSB
MSB
MSB
LSB
A-1


Similar Part No. - R1LV1616H-I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616H-I RENESAS-R1LV1616H-I Datasheet
158Kb / 21P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
More results

Similar Description - R1LV1616H-I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616H-I RENESAS-R1LV1616H-I Datasheet
158Kb / 21P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
HM62A16100I RENESAS-HM62A16100I Datasheet
140Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBGI RENESAS-R1LV1616HBGI_15 Datasheet
143Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
HM62A16100I RENESAS-HM62A16100I_15 Datasheet
243Kb / 19P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBG-I RENESAS-R1LV1616HBG-I Datasheet
121Kb / 15P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
HM62V16100I RENESAS-HM62V16100I Datasheet
211Kb / 25P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HSA-I RENESAS-R1LV1616HSA-I Datasheet
477Kb / 21P
   16 M SRAM (1-Mword x 16-bit / 2-Mword x 8-bit)
logo
Elpida Memory
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Renesas Technology Corp
R1LV1616HBG-I RENESAS-R1LV1616HBG-I_17 Datasheet
432Kb / 15P
   16 M SRAM (1-Mword x 16-bit)
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com