Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDTC114EET1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LDTC114EET1G
Description  Bias Resistor Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTC114EET1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LDTC114EET1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 3Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 4Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 5Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 6Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 7Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 8Page - Leshan Radio Company LDTC114EET1G_15 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1
10
100
0
1020
304050
Fig. 5 INPUT VOLTAGE VS OUTPUT CURRENT
IC, COLLECTOR CURRENT (mA)
TYPICAL ELECTRICAL CHARACTERISTICS − LDTC114EET1G
LESHAN RADIO COMPANY, LTD.
Rev.B 5/9
LDTC114EET1G Series,S-LDTC114EET1G Series
Vo=0.2V
COLLECTOR CURRENT:Ic(mA)
-55℃
-25℃
25℃
75℃
125℃


Similar Part No. - LDTC114EET1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTC114EET1G LRC-LDTC114EET1G Datasheet
416Kb / 4P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - LDTC114EET1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com