Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3534 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3534
Description  7V, 500mA Synchronous Buck-Boost DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3534 Datasheet(HTML) 4 Page - Linear Technology

  LTC3534 Datasheet HTML 1Page - Linear Technology LTC3534 Datasheet HTML 2Page - Linear Technology LTC3534 Datasheet HTML 3Page - Linear Technology LTC3534 Datasheet HTML 4Page - Linear Technology LTC3534 Datasheet HTML 5Page - Linear Technology LTC3534 Datasheet HTML 6Page - Linear Technology LTC3534 Datasheet HTML 7Page - Linear Technology LTC3534 Datasheet HTML 8Page - Linear Technology LTC3534 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3534
4
3534fb
For more information www.linear.com/LTC3534
Typical perForMance characTerisTics
4 Alkaline Cells to 5V Efficiency
vs ILOAD
USB to 5V Efficiency vs ILOAD
Active Quiescent and Burst Mode
SLEEP Currents vs VIN
Current Limits vs VIN
Minimum Start-Up Voltage
vs Temperature
Active Quiescent Current
vs Temperature
Burst Mode SLEEP Current
vs Temperature
LOAD CURRENT (mA)
3534 G01
100
90
50
60
70
80
40
30
20
10
0.01
0.1
100
1000
10
1
Burst
Mode
OPERATION
VIN = 3.6V
VIN = 5V
VIN = 6.4V
LOAD CURRENT (mA)
3534 G02
100
90
50
60
70
80
40
30
20
10
0.01
0.1
100
1000
10
1
Burst
Mode
OPERATION
VIN = 4.35V
VIN = 4.8V
VIN = 5.25V
INPUT VOLTAGE (V)
2.4
425
415
405
395
385
30
26
28
24
22
5.6
4
7.2
3534 G03
8
4.8
3.2
6.4
VFB = 1.2V
ACTIVE QUIESCENT CURRENT
Burst Mode SLEEP CURRENT
INPUT VOLTAGE (V)
2.4
3.3
2.1
2.4
2.7
3.0
1.8
1.5
5.6
4
7.2
3534 G04
8
4.8
3.2
6.4
VOUT = 5V
PEAK CURRENT LIMIT
LINEAR CURRENT LIMIT
TEMPERATURE (°C)
–50
2.200
2.150
2.175
2.125
25
–25
75
3534 G05
100
0
50
TEMPERATURE (°C)
–50
450
390
430
410
370
25
–25
75
3534 G06
100
0
50
VFB = 1.2V
TEMPERATURE (°C)
–50
50
20
40
30
10
25
–25
75
3534 G07
100
0
50
VFB = 1.2V
TA = 25°C, unless otherwise noted.


Similar Part No. - LTC3534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3534 AD-LTC3534 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
More results

Similar Description - LTC3534

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com