Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3531-3 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3531-3
Description  200mA Buck-Boost Synchronous DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531-3 Datasheet(HTML) 3 Page - Linear Technology

  LTC3531-3_15 Datasheet HTML 1Page - Linear Technology LTC3531-3_15 Datasheet HTML 2Page - Linear Technology LTC3531-3_15 Datasheet HTML 3Page - Linear Technology LTC3531-3_15 Datasheet HTML 4Page - Linear Technology LTC3531-3_15 Datasheet HTML 5Page - Linear Technology LTC3531-3_15 Datasheet HTML 6Page - Linear Technology LTC3531-3_15 Datasheet HTML 7Page - Linear Technology LTC3531-3_15 Datasheet HTML 8Page - Linear Technology LTC3531-3_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
3
3531fb
TYPICAL PERFOR
CE CHARACTERISTICS
A
TA = 25°C unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 3: The LTC3531 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V VOUT = 3.3V unless otherwise noted.
VIN (V)
1.5
200
250
300
4.5
5
4
3
3531 G01
150
100
2.5
2
3.5
5.5
50
0
350
VIN (V)
1.5
200
250
300
5.5
5
3531 G02
150
100
0
2.5
2
3.5
3
4.5
4
50
400
450
350
IPEAK
IVALLEY
IZERO
VIN (V)
1.5
0
2
6
8
10
20
14
2.5
3.5
4
3531 G03
4
16
18
12
23
4.5
5
5.5
IVIN
IVOUT
VIN (V)
1.5
2
80
100
120
5.5
3531 G04
60
40
0
2.5
3
3.5
4
4.5
5
20
160
180
140
VIN (V)
1.5
0
10
30
40
50
100
70
2.5
3.5
4
3531 G05
20
80
90
60
23
4.5
5
5.5
10
μF
22
μF
LOAD CURRENT (mA)
0.1
3.25
3.30
1000
3521 G06
3.20
3.15
1
10
100
3.40
3.35
47
μF
10
μF
22
μF
L = 10
μH
VOUT = 3.3V
L = 10
μH
50mA LOAD
VIN = 3.6V
IIN Short Circuit vs VIN
VOUT Ripple vs COUT
(3.3V Version)
Load Regulation vs COUT
(3.3V Version)
Maximum IOUT vs VIN
(3.3V Version)
IPEAK, IVALLEY, IZERO vs VIN
Sleep Currents
SHDN
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PMOS D RDSON (3.3V Version or Adjustable Version set to 3.3V)
VOUT = 3.1V
0.8
Ω
PMOS D RDSON (3V Version)
VOUT = 2.8V
0.9
Ω
Peak Current Limit
L = 10μH, VIN = 5V
295
365
460
mA
SHDN Input Threshold
0.4
1
1.4
V
SHDN Hysteresis
60
mV
SHDN Leakage Current
VSHDN
0.01
1
μA


Similar Part No. - LTC3531-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
More results

Similar Description - LTC3531-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
logo
Shenzhen Huazhimei Semi...
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
   Synchronous Buck-Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com