Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3531 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3531 Datasheet HTML 5Page - Linear Technology LTC3531 Datasheet HTML 6Page - Linear Technology LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology LTC3531 Datasheet HTML 10Page - Linear Technology LTC3531 Datasheet HTML 11Page - Linear Technology LTC3531 Datasheet HTML 12Page - Linear Technology LTC3531 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
9
3531fb
The LTC3531, LTC3531-3.3 and LTC3531-3 synchro-
nous buck-boost converters utilize a Burst Mode control
technique to achieve high efficiency over a wide dynamic
range of load currents. A 2% accurate comparator is
used to monitor the output voltage. If VOUT is above its
programmed reference threshold no switching occurs and
only quiescent current is drawn from the power source
(sleep mode). When VOUT drops below the reference
threshold the IC “wakes up”, switching commences, and
the output capacitor is charged. The value of the output
capacitor, the load current, and the comparator hysteresis
(~1%) determines the number of current pulses required
to pump-up the output capacitor before the part returns
to sleep.
In order to determine the best operating mode for the
converter, the LTC3531 contains a second comparator
that monitors the relative voltage difference between VIN
and VOUT. Input and output voltages in the various modes
as well as typical inductor currents are shown in Figure 1.
Regions of the current waveforms where switches A and
D are on provide the highest efficiency since energy is
transferred directly from the input source to the output.
Boost Mode
If VIN is ~400mV below VOUT, the LTC3531 operates in
boost or step-up mode. Referring to Figure 1 (left side)
when VOUT falls below its regulation voltage, switches A
and C are turned on (VIN is applied across the inductor)
and current is ramped until IPEAK is detected. When this
occurs, C is turned off, D is turned on and current is deliv-
ered to the output capacitor (VIN – VOUT is applied across
the inductor). Inductor current falls when D is on, until an
IVALLEYisdetected.TerminatingatIVALLEY,ratherthanIZERO,
results in an increased load current capability for a given
peak current. This AC then AD switch sequence is repeated
until the output is pumped above its regulation voltage, a
final IZERO is detected, and the part returns to sleep mode
(IVALLEY is ignored and IZERO is used in all modes once
VOUT is above its programmed value).
4-Switch Mode
If (VOUT – 400mV) < ~VIN < (VOUT + 800mV), the LTC3531
operates in 4-switch step-up/down mode. Returning to
Figure 1 (center) when VOUT falls below its regulation volt-
age, switches A and C are turned on and current is ramped
until IPEAK is detected. As with Boost Mode operation, C
is then turned off, D is turned on and current is delivered
to the output. When A and D are on, the inductor current
slope is dependant on the relationship between VIN, VOUT,
and the RDSON of the switches. In 4-switch mode, a tOFF
timer (approximately 3μs) is used to terminate the AD
pulse. Once the tOFF timer expires, switch A is turned off,
B is turned on and inductor current is ramped down (VOUT
is applied across the inductor) until IVALLEY is detected.
This sequence is repeated until the output is regulated,
BD switches are turned on, and a final IZERO is detected.
Anticross conduction circuitry in all modes ensures the
P-channel MOSFET and N-channel MOSFET switch pairs (A
and B or D and C) are never turned on simultaneously.
OPERATIO
Figure 1. Voltage and Current Waveforms
VOUT
IMAX
BOOST MODE
4SW MODE
BUCK MODE
IPEAK
IVALLEY
IZERO
VIN
VIN
tOFF
tOFF
tOFF
AC
AC
AC
AD
AD
AD
AD
AD
AD
AD
AC
AC
BD
BD
BD
BD
BD
3531 F01
VIN
VOUT
A
BC
D
SW1
SW2
L


Similar Part No. - LTC3531

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3531 LINER-LTC3531 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3531-3 LINER-LTC3531-3 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
More results

Similar Description - LTC3531

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
logo
Shenzhen Huazhimei Semi...
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
   Synchronous Buck-Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com