Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3529 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3529
Description  1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3529 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3529 Datasheet HTML 4Page - Linear Technology LTC3529 Datasheet HTML 5Page - Linear Technology LTC3529 Datasheet HTML 6Page - Linear Technology LTC3529 Datasheet HTML 7Page - Linear Technology LTC3529 Datasheet HTML 8Page - Linear Technology LTC3529 Datasheet HTML 9Page - Linear Technology LTC3529 Datasheet HTML 10Page - Linear Technology LTC3529 Datasheet HTML 11Page - Linear Technology LTC3529 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC3529
11
3529fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
DCB Package
8-Lead Plastic DFN (2mm
× 3mm)
(Reference LTC DWG # 05-08-1718 Rev A)
PACKAGE DESCRIPTION
3.00
±0.10
(2 SIDES)
2.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
± 0.10
BOTTOM VIEW—EXPOSED PAD
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
1.35 REF
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DCB8) DFN 0106 REV A
0.23
± 0.05
0.45 BSC
PIN 1 NOTCH
R = 0.20 OR 0.25
× 45° CHAMFER
0.25
± 0.05
1.35 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
2.10
±0.05
0.70
±0.05
3.50
±0.05
PACKAGE
OUTLINE
0.45 BSC
1.35
±0.10
1.35
±0.05
1.65
± 0.10
1.65
± 0.05


Similar Part No. - LTC3529

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520EUF-PBF LINER-LTC3520EUF-PBF Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520EUF-TRPBF LINER-LTC3520EUF-TRPBF Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3521 LINER-LTC3521 Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
More results

Similar Description - LTC3529

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3428 LINER-LTC3428 Datasheet
213Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
logo
Diodes Incorporated
AP3012 DIODES-AP3012 Datasheet
534Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
Rev. 1 - 6 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com