Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3529 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3529
Description  1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3529 Datasheet(HTML) 4 Page - Linear Technology

  LTC3529_15 Datasheet HTML 1Page - Linear Technology LTC3529_15 Datasheet HTML 2Page - Linear Technology LTC3529_15 Datasheet HTML 3Page - Linear Technology LTC3529_15 Datasheet HTML 4Page - Linear Technology LTC3529_15 Datasheet HTML 5Page - Linear Technology LTC3529_15 Datasheet HTML 6Page - Linear Technology LTC3529_15 Datasheet HTML 7Page - Linear Technology LTC3529_15 Datasheet HTML 8Page - Linear Technology LTC3529_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3529
4
3529fb
3529 G12
160
140
120
100
80
60
20
40
0
TEMPERATURE (°C)
–50
125
100
75
50
25
0
–25
PMOS
NMOS
3529 G10
10
0
2
4
6
8
–10
–8
–6
–4
–2
TEMPERATURE (°C)
–50
110
90
70
50
30
10
–30 –10
TEMPERATURE (°C)
–50
150
100
050
3529 G07
1.0
0.8
0.6
0.4
0.2
–0.8
–0.6
–0.4
–0.2
0
–1.0
TEMPERATURE (°C)
–45 –25
115
95
75
–5
35
55
15
3529 G06
1.90
1.40
1.45
1.50
1.55
1.80
1.65
1.60
1.75
1.70
1.85
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit vs Temperature
Switching Frequency Variation
vs Temperature
No-Load Input Current vs VIN
RDS(ON) vs Temperature
Output Voltage Change
vs Temperature
1μs/DIV
3529 G09
SW
2V/DIV
IL
25mA/DIV
VIN = 3.6V
COUT = 10μF
L = 4.7μH
SW Pin Anti-Ringing
3529 G11
18
16
14
12
10
8
6
2
4
0
VIN (V)
1.5
5.5
4.5
3.5
2.5
3529 G08
1600
1400
1200
1000
800
600
400
200
0
VIN (V)
1.5
5.0
4.5
4.0
3.5
3.0
2.0
2.5
L = 4.7μH
Maximum Output Current vs VIN
ILOAD (mA)
0
500
400
300
100
200
3529 G13
0.5
0.4
0.3
0.2
0.1
–0.4
–0.3
–0.2
–0.1
0
–0.5
VIN = 3.3V
L = 4.7μH
Load Regulation


Similar Part No. - LTC3529_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520EUF-PBF LINER-LTC3520EUF-PBF Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520EUF-TRPBF LINER-LTC3520EUF-TRPBF Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3521 LINER-LTC3521 Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
More results

Similar Description - LTC3529_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3428 LINER-LTC3428 Datasheet
213Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
logo
Diodes Incorporated
AP3012 DIODES-AP3012 Datasheet
534Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
Rev. 1 - 6 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com