Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTB2234 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTB2234
Description  EPITAXIAL PLANAR PNP TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE, POWER SWITCHING, POWER AMPLIFIER)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

KTB2234 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 10. 23
2/3
KTB2234
Revision No : 0
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
-1
-2
-3
-4
-5
-1
-2
-3
-4
COLLECTOR CURRENT I
(A)
C
I =-200
µA
-250
µA
-300µA
-500µA
-800µA
-1000µ
A
-400µA
B
COMMON EMITTER
Ta=25 C
Ta=-55 C
Ta=-55 C
Ta=25 C
Ta=100
C
Ta=25 C
Ta=100
C
h
- I
FE
C
BASE-EMITTER VOLTAGE V
(V)
0
BE
0
I
- V
C
BE
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
-3.0
-0.5
-1.0
-1.5
-2.0
-3.0
-2.5
V
- I
BE(sat)
C
100
300
500
1K
3K
10K
-0.3
-0.1
-0.03
-
1
-3
-10
COMMON EMITTER
V
=-2V
CE
COMMON EMITTER
V
=-2V
CE
Ta=100
C
Ta=25
C
Ta=
-55
C
-0.3
-0.5
-3
-5
-1
COLLECTOR CURRENT I
(A)
C
V
- I
CE(sat)
C
COMMON EMITTER
I /I =1000
C B
-0.5
-3
-1
-0.3
-0.2
-0.3
-0.5
-3
-5
-1
COLLECTOR CURRENT I
(A)
C
COMMON EMITTER
I /I =1000
CB
-0.5
-3
-1
-0.3
-0.2
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
40
80
120
160
200
200
400
600
800
1000
1200


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn