Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTB1772 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTB1772
Description  EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1772 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTB1772 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1772 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000. 12. 8
2/2
KTB1772
Revision No : 0
0
CE
-16
-12
-8
-20
-4
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
I
- V
C
COLLECTOR CURRENT I
(mA)
C
FE
h
- I C
COLLECTOR CURRENT I
(mA)
C
CE(sat)
V
,V
- IC
-0.4
-1.0
-1.2
-1.6
1
5
10
30
50
100
300
-0.01
1K
3
500
-10
-3
C
-0.3
-0.1
-1
COLLECTOR CURRENT I
(A)
C
f
- I
T
1
5
10
50
30
100
300
500
1K
-100
-1K
-3K
V
=-2V
CE
-1K
-10
-1
-100
-500
-1K
-3
-10
-30
-100
-30
-300
-3K
BE(sat)
-0.03
V
=-5V
CE
I =-1mA
B
I =-2mA
B
I =-3mA
B
I =-4mA
B
I =-5mA
B
I =-6mA
B
I =-7mA
B
I =-8mA
B
I =-9mA
B
I =-10mA
B
-1
1
3
5
10
300
500
100
30
50
1K
COLLECTOR-BASE VOLTAGE V
(V)
-3
-30
-100
CB
-300
-1K
C
- V
ob
I =0
E
CB
f=1MHz
-5K
BE
V
(sat)
V
(sat)
CE
I /I =10
C B
-1.8
-300
-30
-1
-3
-10
3
-3
-5
-50
-300
-3K
-10K
-10
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
100
200
300
400
500
600
700
25
50
75
100
125
150
175


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn