Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTB1772 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KTB1772
Description  EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1772 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTB1772 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1772 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2000. 12. 8
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTB1772
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
AUDIO FREQUENCY POWER AMPLIFIER
LOW SPEED SWITCHING
FEATURES
Complementary to KTD1882.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-
-
-1
A
Emitter-Cut-off Current
IEBO
VEB=-3V, IC=0
-
-
-1
A
DC Current Gain
*
hFE(1)
VCE=-2V, IC=-20mA
30
220
-
hFE(2) (Note)
VCE=-2V, IC=-1A
100
160
400
Collector-Emitter Saturation Voltage
*
VCE(sat)
IC=-2A, IB=-0.2A
-
-0.3
-0.5
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=-2V, IB=-0.2A
-
-1.0
-2.0
V
Current Gain Bandwidth Product
fT
VCE=-5V, IC=-0.1A
-
80
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
55
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-3
A
Pulse (Note)
ICP
-7
Base Current (DC)
IB
-0.6
A
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Note : Pulse Width
10mS, Duty Cycle 50%.
* Pulse Test : Pulse Width 350 S, Duty Cycle 2% Pulsed
Note: hFE(2) Classification
O:100 200 , Y:160 320 , GR:200 400


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn