Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LTC3427 Datasheet(PDF) 9 Page - Linear Technology

Part No. LTC3427
Description  500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC3427 Datasheet(HTML) 9 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC3427
3427fa
VIN > VOUT Operation
The LTC3427 will maintain voltage regulation when the
input voltage is above the output voltage. This is achieved
by terminating the switching of the synchronous P-chan-
nel MOSFET and applying VIN statically on its gate. This
will ensure the volt • seconds across the inductor reverse
during the time current is flowing to the output. Since this
mode will dissipate more power in the LTC3427, the
maximum output current is limited in order to maintain an
acceptable junction temperature and is given by:
I
T
VV
OUT MAX
A
IN
OUT
()
•.
=
+
()
⎡⎣
⎤⎦
125
85
1 5
where TA = ambient temperature.
For example at VIN = 4.5V, VOUT = 3.3V, and TA = 85°C, the
maximum output current is 145mA.
Short-Circuit Protection
The LTC3427 output disconnect feature allows output
short circuit while maintaining a maximum internally set
current limit. However, the LTC3427 also incorporates
internal features such as current limit foldback and ther-
mal shutdown for protection from an excessive overload
or short circuit. During a prolonged short circuit the
current limit folds back to a typical value of approximately
400mA should VOUT drop below 950mV. This 400mA
current limit remains in effect until VOUT exceeds approxi-
mately 1V, at which time the nominally internally set
current limit is restored.
APPLICATIO S I FOR ATIO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn