Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3405A-1.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3405A-1.5
Description  1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405A-1.5 Datasheet(HTML) 3 Page - Linear Technology

  LTC3405A-1.5_15 Datasheet HTML 1Page - Linear Technology LTC3405A-1.5_15 Datasheet HTML 2Page - Linear Technology LTC3405A-1.5_15 Datasheet HTML 3Page - Linear Technology LTC3405A-1.5_15 Datasheet HTML 4Page - Linear Technology LTC3405A-1.5_15 Datasheet HTML 5Page - Linear Technology LTC3405A-1.5_15 Datasheet HTML 6Page - Linear Technology LTC3405A-1.5_15 Datasheet HTML 7Page - Linear Technology LTC3405A-1.5_15 Datasheet HTML 8Page - Linear Technology LTC3405A-1.5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3405A-1.5/LTC3405A-1.8
3405a1518fa
INPUT VOLTAGE (V)
2.5
3.0
4.0
5.0
4.5
95
90
85
80
75
70
65
60
55
50
3405A1518 G02
3.5
5.5
Burst Mode OPERATION
VOUT = 1.8V
IOUT = 0.1mA
IOUT = 250mA
IOUT = 100mA
IOUT = 10mA
IOUT = 1mA
OUTPUT CURRENT (mA)
0.1
10
1000
100
90
80
70
60
50
40
30
20
10
0
3405A1518 G03
1
100
VIN = 3.6V
VIN = 4.2V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.8V
PULSE SKIPPING MODE
Burst Mode OPERATION
OUTPUT CURRENT (mA)
0.1
10
1000
100
90
80
70
60
50
40
3405A1518 G04
1
100
VIN = 2.7V
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
VOUT = 1.8V
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT CURRENT (mA)
60
80
100
50
70
90
0.1
10
100
1000
3405A1518 G05
40
1
VIN = 2.7V
VIN = 4.2V
VOUT = 1.5V
VIN = 3.6V
Efficiency vs Input Voltage
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Oscillator Frequency vs
Temperature
Oscillator Frequency vs
Supply Voltage
Output Voltage vs Load Current
RDS(ON) vs Input Voltage
TEMPERATURE (°C)
–50
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
25
75
–25
0
50
100
125
VIN = 3.6V
3405A1518 G07
SUPPLY VOLTAGE (V)
2
1.8
1.7
1.6
1.5
1.4
1.3
1.2
34
5
6
3405A1518 G08
LOAD CURRENT (mA)
0
1.834
1.824
1.814
1.804
1.794
1.784
1.774
100
200
300
400
3405A1518 G09
500
600
Burst Mode
OPERATION
PULSE SKIPPING MODE
INPUT VOLTAGE (V)
0
2
4
5
3405A1518 G10
13
6
7
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
MAIN SWITCH
SYNCHRONOUS
SWITCH
(From Figure1a)
RDS(ON) vs Temperature
TEMPERATURE (°C)
–50
1.2
1.0
0.8
0.6
0.4
0.2
0
25
75
–25
0
50
100
125
3405F G11
SYNCHRONOUS SWITCH
MAIN SWITCH
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V


Similar Part No. - LTC3405A-1.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
More results

Similar Description - LTC3405A-1.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A Datasheet
214Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com