Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6379 Datasheet(PDF) 6 Page - NEC

Part # UPD6379
Description  2-CHANNEL 16-BIT D/A CONVERTER FOR AUDIO APPLICATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6379 Datasheet(HTML) 6 Page - NEC

Back Button UPD6379 Datasheet HTML 2Page - NEC UPD6379 Datasheet HTML 3Page - NEC UPD6379 Datasheet HTML 4Page - NEC UPD6379 Datasheet HTML 5Page - NEC UPD6379 Datasheet HTML 6Page - NEC UPD6379 Datasheet HTML 7Page - NEC UPD6379 Datasheet HTML 8Page - NEC UPD6379 Datasheet HTML 9Page - NEC UPD6379 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
µPD6379, 6379A, 6379L, 6379AL
6
Data Sheet S11588EJ4V0DS00
µPD6379, 6379A
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Logic input voltage (HIGH)
VIH
0.7 VDD
VDD
V
Logic input voltage (LOW)
VIL
0
0.3 VDD
V
Operating ambient temperature
TA
–20
+25
+75
°C
Output load resistance
RL
R. OUT, L. OUT pins
5
k
Conversion frequency
fS
200
kHz
Clock frequency
fCLK
10
MHz
Clock pulse width
tSCK
40
ns
SI, LRCK setup time
tDC
12
ns
SI, LRCK hold time
tCD
12
ns
ELECTRICAL CHARACTERISTICS (TA = 25
°C, VDD = +5 V, fS = 176.4 kHz)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Resolution
RES
16
Bit
Total harmonic distortion
THD
fIN = 1 kHz, 0 dB
0.04
0.09
%
Full-scale output voltage
VFS
2.0
2.3
Vp-p
S/N ratio
S/N
With A-weight filter
93
100
dB
Dynamic range
D.R
fIN = 1 kHz, –60 dB
89
96
dB
Crosstalk
C.T
One side channel = 0 dB, fIN = 1 kHz
82
96
dB
Current dissipation
IDD
fIN = 1 kHz, 0 dB
5
12
mA


Similar Part No. - UPD6379

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6379 RENESAS-UPD6379 Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
UPD6379A RENESAS-UPD6379A Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
UPD6379AGR RENESAS-UPD6379AGR Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
UPD6379AL RENESAS-UPD6379AL Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
UPD6379ALGR RENESAS-UPD6379ALGR Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD6379

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6376 NEC-UPD6376 Datasheet
140Kb / 20P
   AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
logo
Intersil Corporation
HI2559 INTERSIL-HI2559 Datasheet
669Kb / 11P
   1-Bit D/A Converter For Audio Application
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC78815M SANYO-LC78815M Datasheet
188Kb / 10P
   TWO-Channel, 16-bit D/A Converter for Digital Audio Applications
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
   16-bit stereo D / A converter for audio applications
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
Sanyo Semicon Device
LC78816MB SANYO-LC78816MB Datasheet
276Kb / 11P
   16-Bit D/A Converter for Use in Digital Audio Products
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com