Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1756 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1756
Description  Choosing a DALI implementation strategy with ST7DALIF2
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1756 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1756 Datasheet HTML 1Page - STMicroelectronics AN1756 Datasheet HTML 2Page - STMicroelectronics AN1756 Datasheet HTML 3Page - STMicroelectronics AN1756 Datasheet HTML 4Page - STMicroelectronics AN1756 Datasheet HTML 5Page - STMicroelectronics AN1756 Datasheet HTML 6Page - STMicroelectronics AN1756 Datasheet HTML 7Page - STMicroelectronics AN1756 Datasheet HTML 8Page - STMicroelectronics AN1756 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN1756
High-frequency tube lamp ballast applications
3/10
1
High-frequency tube lamp ballast applications
Basically, a HF-TL ballast converts the 50-60 Hz AC Line input or a DC voltage to a high
frequency output, usually in the range of 25-125 kHz. A rectifier block and a DC to high
frequency inverter usually make up a ballast (please refer to 1 in Section 4: References).
Voltage fed series resonant half bridge inverters are currently used for fluorescent lamps.
This topology allows to easily operate in Zero Voltage Switching (ZVS) resonant mode,
reducing the transistor switching losses and the electromagnetic interference (please refer
to 2 in Section 4: References).
The half bridge of the inverter can be controlled in different ways with different ICs:
Half-bridge controller like, for example, the L6574.
Figure 1.
Typical topology with a half-bridge controller
Half-bridge driver like, for example, the L6384 + some kind of control.
Figure 2.
Typical topology with a half-bridge driver
What is the difference between a half-bridge driver and a half-bridge controller?
A driver is “just” able to drive the floating (high side) transistor of a symmetric half bridge
inverter, from a Pulse Width Modulation (PWM) signal. The controller also includes some
form of oscillator, usually tunable by using a few external components (resistor, capacitor).
Varying the switching frequency is the mainly used control principle. This allows the current
in the lamp, and therefore the output power to be modulated (please refer to 2 in Section 4:
References). So the lamp can be dimmed and input voltage variations can be compensated.
To know more about high frequency tube lamp ballast applications, please refer to 2 in
Section 4: References.


Similar Part No. - AN1756

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN1750-521P ETC1-AN1750-521P Datasheet
39Kb / 1P
   AN0625-521P
logo
STMicroelectronics
AN1751 STMICROELECTRONICS-AN1751 Datasheet
579Kb / 7P
   EMI Filters: Recommendations and measurements
AN1752 STMICROELECTRONICS-AN1752 Datasheet
118Kb / 14P
   ST72324 QUICK REFERENCE NOTE
AN1753 STMICROELECTRONICS-AN1753 Datasheet
559Kb / 22P
   Software UART using ST7LITE0 12-bit autoreload timer
AN1754 STMICROELECTRONICS-AN1754 Datasheet
135Kb / 19P
   DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
More results

Similar Description - AN1756

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Littelfuse
L6006V8TP LITTELFUSE-L6006V8TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
L6008L6TP LITTELFUSE-L6008L6TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Analog Devices
AD5676 AD-AD5676 Datasheet
1Mb / 28P
   Easy implementation
logo
Littelfuse
K2400GRP LITTELFUSE-K2400GRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4004D4RP ETC2-Q4004D4RP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Recom International Pow...
RELI-DA01 RECOM-RELI-DA01 Datasheet
124Kb / 4P
   Compliant with DALI Standard
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
   DALI Controller/DALI Gateway
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com