Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRD590G90 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DRD590G90
Description  Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DRD590G90 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DRD590G90 Datasheet HTML 1Page - Dynex Semiconductor DRD590G90 Datasheet HTML 2Page - Dynex Semiconductor DRD590G90 Datasheet HTML 3Page - Dynex Semiconductor DRD590G90 Datasheet HTML 4Page - Dynex Semiconductor DRD590G90 Datasheet HTML 5Page - Dynex Semiconductor DRD590G90 Datasheet HTML 6Page - Dynex Semiconductor DRD590G90 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DRD560G90
4/7
www.dynexsemi.com
CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VFM
Forward voltage
At 1200A peak, Tcase = 160°C
-
2.95
V
IRM
Peak reverse current
At VDRM, Tcase = 160°C
-
100
mA
QS
Total stored charge
IF = 2000A, dIRR/dt =5A/µs
3300
5000
µC
Irr
Peak reverse recovery current
Tcase = 160°C, VR =100V
140
170
A
VTO
Threshold voltage
At Tvj = 160°C
-
1.0
V
rT
Slope resistance
At Tvj = 160°C
-
1.575
m
CURVES
Fig.2 Maximum & minimum on-state characteristics
Fig.3 Dissipation curves
VTM EQUATION
Where
A = -0.675901
B = 0.3995
VTM = A + Bln (IT) + C.IT+D.IT
C = 0.001796
D = -0.040301
these values are valid for Tj = 160°C for IF 200A to 2000A
0
500
1000
1500
2000
2500
0
1
2
3
4
5
Instantaneous forward voltage, VF - (V)
Vfm max 125ºC
Vfm min 125ºC
Vfm max 25ºC
Vfm min 25ºC
Vfm max 160ºC
Vfm min 160ºC


Similar Part No. - DRD590G90

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRD590G90 DYNEX-DRD590G90 Datasheet
505Kb / 7P
   Rectifier Diode
More results

Similar Description - DRD590G90

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com