Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT6427LT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBT6427LT1G
Description  Darlington Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT6427LT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBT6427LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT6427LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT6427LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT6427LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT6427LT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBT6427LT1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
BANDWIDTH = 1.0 Hz
R S
0
NOISE CHARACTERISTICS
(V CE = 5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 2. Noise Voltage
f, FREQUENCY (Hz)
Figure 3. Noise Current
R S , SOURCE RESISTANCE (k
Ω)
Figure 4. Total Wideband Noise Voltage
R S , SOURCE RESISTANCE (k
Ω)
Figure 5. Wideband Noise Figure
I C = 1.0 mA
100
µA
10
µA
BANDWIDTH = 1.0 Hz
I C = 1.0 mA
100
µA
10
µA
BANDWIDTH = 10 Hz TO 15.7 kHz
I C = 10
µA
100
µA
1.0 mA
BANDWIDTH = 10 Hz TO 15.7 kHz
10
µA
100
µA
I C = 1.0 mA
10
20
50
100 200
500
1 k
2 k
5 k
10 k
20 k
50 k 100 k
500
200
100
50
20
10
5.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
1.0
2.0
5.0
10
20
50
100
200
500
1000
200
100
70
50
30
20
10
1.0
2.0
5.0
10
20
50
100
200
500
1000
14
12
10
8.0
6.0
4.0
2.0
0
10
20
50
100 200
500
1 k
2 k
5 k
10 k
20 k
50 k 100 k
~
~
Rev.O 3/6
LMBT6427LT1G , S-LMBT6427LT1G


Similar Part No. - LMBT6427LT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6427LT1G LRC-LMBT6427LT1G_11 Datasheet
231Kb / 6P
   Darlington Transistors NPN Silicon RoHS requirements.
More results

Similar Description - LMBT6427LT1G_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
logo
List of Unclassifed Man...
TIP120 ETC2-TIP120 Datasheet
403Kb / 6P
   Darlington Transistors
logo
First Silicon Co., Ltd
MMBTA64 FS-MMBTA64 Datasheet
244Kb / 3P
   Darlington Transistors
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
111Kb / 8P
   Darlington Transistors
February, 2001 ??Rev.1
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
   Darlington Transistors
March, 2001 ??Rev. 1
BC517 ONSEMI-BC517_07 Datasheet
82Kb / 6P
   Darlington Transistors
March, 2007 ??Rev. 4
MMBTA63LT1G ONSEMI-MMBTA63LT1G_09 Datasheet
131Kb / 4P
   Darlington Transistors
August, 2009 ??Rev. 4
logo
Leshan Radio Company
LMBTA64LT1G LRC-LMBTA64LT1G Datasheet
131Kb / 3P
   Darlington Transistors
logo
First Silicon Co., Ltd
MMBT6427 FS-MMBT6427 Datasheet
283Kb / 6P
   Darlington Transistors
logo
Motorola, Inc
BC618 MOTOROLA-BC618 Datasheet
208Kb / 6P
   Darlington Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com