Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT4413DW1T1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LMBT4413DW1T1G
Description  DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT4413DW1T1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LMBT4413DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT4413DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT4413DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT4413DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT4413DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBT4413DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMBT4413DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMBT4413DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMBT4413DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
TRANSIENT CHARACTERISTICS (Q1 NPN)
I
C , COLLECTOR CURRENT (mA)
Figure 6. Charge Data
REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitance
V
CC = 30 V
I
C / I B = 10
Q T
T
J = 25°C
T
J = 100°C
C
obo
C
cb
Q
A
10
20
30
50
70
100
200
300
500
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20 30
50
30
20
10
7.0
5.0
3.0
2.0
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
V
CC= 30V
I
C/I B =10
t
r @V CC=30V
t
r @V CC=10V
t
d@V EB=2.0V
t
d@V EB=0V
I
C /I B = 10
10
20
30
50
70
100
200
300
500
100
70
50
30
20
10
7.0
5.0
10
20
30
50
70
100
200
300
500
100
70
50
30
20
10
7.0
5.0
t
r
t
f
I
C , COLLECTOR CURRENT (mA)
Figure 8. Rise and Fall Time
I
C , COLLECTOR CURRENT (mA)
Figure 7. Turn–On Time
I
C , COLLECTOR CURRENT (mA)
Figure 10. Fall Time
V
CC = 30 V
I
B1 = I B2
10
20
30
50
70
100
200
300
500
100
70
50
50
30
20
10
7.0
5.0
I
C /I B = 10
I
C /I B = 20
I
C , COLLECTOR CURRENT (mA)
Figure 9. Storage Time
t
s’ = t s – 1/8 t f
I
B1 = I B2
I
C/I B = 10 to 20
10
20
30
50
70
100
200
300
500
300
200
100
70
50
30
Rev.O 5/11
LMBT4413DW1T1G ;S-LMBT4413DW1T1G


Similar Part No. - LMBT4413DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT4413DW1T1G LRC-LMBT4413DW1T1G Datasheet
793Kb / 11P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - LMBT4413DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT4413DW1T1G LRC-LMBT4413DW1T1G Datasheet
793Kb / 11P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4401DW1T1G LRC-LMBT4401DW1T1G Datasheet
408Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
First Silicon Co., Ltd
FFB4413D FS-FFB4413D Datasheet
823Kb / 11P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
LMBT5541DW1T1G LRC-LMBT5541DW1T1G Datasheet
259Kb / 8P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4401DW1T1G LRC-LMBT4401DW1T1G_15 Datasheet
408Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT5541DW1T1G LRC-LMBT5541DW1T1G_15 Datasheet
287Kb / 8P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4403DW1T1G LRC-LMBT4403DW1T1G Datasheet
399Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
LMBT4403DW1T1G LRC-LMBT4403DW1T1G_15 Datasheet
399Kb / 6P
   DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC587BS DIODES-BC587BS Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com