Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT3904WT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBT3904WT1G
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3904WT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBT3904WT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3904WT1G,S-LMBT3904WT1G
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS (2)
DC Current Gain
h FE
––
(I C = 0.1 mAdc, V CE = 1.0 Vdc)
40
––
(I C = 1.0 mAdc, V CE = 1.0 Vdc)
70
––
(I C = 10 mAdc, V CE = 1.0 Vdc)
100
300
(I C = 50 mAdc, V CE = 1.0 Vdc)
60
––
(I C = 100 mAdc, V CE = 1.0 Vdc)
30
––
Collector–Emitter Saturation Voltage
VCE(sat)
Vdc
(I C = 10 mAdc, I B = 1.0 mAdc)
––
0.2
(I C = 50 mAdc, I B = 5.0 mAdc)
––
0.3
Base–Emitter Saturation Voltage
V BE(sat)
Vdc
(I C = 10 mAdc, I B = 1.0 mAdc)
0.65
0.85
(I C = 50 mAdc, I B = 5.0 mAdc)
––
0.95
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
MHz
(I C = 10 mAdc, V CE = 20 Vdc, f = 100 MHz)
300
––
Output Capacitance
C obo
pF
(V CB = 5.0 Vdc, I E = 0, f = 1.0 MHz)
––
4.0
Input Capacitance
C ibo
pF
(V EB = 0.5 Vdc, I C = 0, f = 1.0 MHz)
––
8.0
Input Impedance
h ie
k
(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
1.0
10
Voltage Feedback Ratio
h re
X 10
–4
(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
0.5
8.0
Small–Signal Current Gain
h fe
(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
100
400
Output Admittance
h oe
µmhos
(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz)
1.0
40
Noise Figure
NF
dB
(V CE= 5.0Vdc, I C = 100
µAdc, R S=1.0 kΩ, f =1.0kHz)
––
5.0
Rev.A 2/6
SWITCHING CHARACTERISTICS
Delay Time (V
CC = 3.0 Vdc, V BE = –0.5 Vdc)
t
d
—3 5
ns
Rise Time (I
C = 10 mAdc, I B1 = 1.0 mAdc)
t
r
—3 5
Storage Time (V
CC = 3.0 Vdc, I C = 10 mAdc)
t
s
200
Fall Time (I
B1 = I B2 = 1.0 mAdc)
t
f
—5 0
2. Pulse Test: Pulse Width <300
µs; Duty Cycle <2.0%.
ns
ns
ns


Similar Part No. - LMBT3904WT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3904WT1G LRC-LMBT3904WT1G_V01 Datasheet
419Kb / 5P
   General Purpose Transistors NPN Silicon
R ev.C Jun. 2019
More results

Similar Description - LMBT3904WT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com