Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3250-1.2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3250-1.2
Description  High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3250-1.2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3250-1.2 Datasheet HTML 1Page - Linear Technology LTC3250-1.2 Datasheet HTML 2Page - Linear Technology LTC3250-1.2 Datasheet HTML 3Page - Linear Technology LTC3250-1.2 Datasheet HTML 4Page - Linear Technology LTC3250-1.2 Datasheet HTML 5Page - Linear Technology LTC3250-1.2 Datasheet HTML 6Page - Linear Technology LTC3250-1.2 Datasheet HTML 7Page - Linear Technology LTC3250-1.2 Datasheet HTML 8Page - Linear Technology LTC3250-1.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3250-1.5/LTC3250-1.2
2
3250fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
LTC3250-1.5 Operating Voltage Range
q
3.1
5.5
V
LTC3250-1.2 Operating Voltage Range
q
2.7
5.5
V
VOUT
LTC3250-1.5 Output Voltage Range
IOUT ≤ 50mA 3.1V ≤ VIN ≤ 5.5V
q
1.44
1.5
1.56
V
IOUT ≤ 100mA 3.2V ≤ VIN ≤ 5.5V
q
1.44
1.5
1.56
V
IOUT ≤ 250mA 3.5V ≤ VIN ≤ 5V
1.44
1.5
1.56
V
LTC3250-1.2 Output Voltage Range
IOUT ≤ 150mA 2.7V < VIN < 5.5V
q
1.15
1.2
1.25
V
IOUT ≤ 250mA 2.9V ≤ VIN ≤ 5V
1.15
1.2
1.25
V
IIN
Operating Current
IOUT = 0mA
q
35
60
µA
Shutdown Current
SHDN = 0V
q
0.01
1
µA
VRB
Burst Mode Operation Output Ripple
12
mVP-P
VRC
Continuous Mode Output Ripple
4
mVP-P
fOSC
Switching Frequency
q
1.2
1.5
1.8
MHz
VIH
SHDN Input Hi Voltage
q
1.2
0.8
V
VIL
SHDN Input Low Voltage
q
0.8
0.4
V
IIH
SHDN Input Current
SHDN = VIN
q
–1
1
µA
IIL
SHDN Input Current
SHDN = 0V
q
–1
1
µA
tON
Turn On Time
RLOAD = 6Ω
0.8
ms
LTC3250-1.5 Load Regulation
0
≤ IOUT ≤ 250mA
0.15
mV/mA
LTC3250-1.2 Load Regulation
0
≤ IOUT ≤ 250mA
0.12
mV/mA
Line Regulation
IOUT = 250mA
0.2
%/V
ROL
Open-Loop Output Impedance
IOUT = 250mA (Note 4)
1.0
VIN to GND ................................................... –0.3V to 6V
SHDN to GND ............................... –0.3V to (VIN + 0.3V)
IOUT (Note 2)....................................................... 350mA
Operating Ambient Temperature Range (Note 3)
........................................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S6 PART MARKING
TJMAX = 150°C, θJA = 230°C/W,
θJC = 102°C/W
LTZE
LTAGJ
LTC3250ES6-1.5
LTC3250ES6-1.2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CFLY = 1µF, CIN = 1µF, COUT = 4.7µF unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
6 C+
5 VOUT
4 C
VIN 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
GND 2
SHDN 3
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Based on long term current density limitations.
Note 3: The LTC3250-1.5E/LTC3250-1.2E are guaranteed to meet
specified performance from 0
°C to 70°C. Specifications over the –40°C
and 85
°C operating temperature range are assured by design
characterization and correlation with statistical process controls.
Note 4: Output not in regulation; ROL = (VIN/2 - VOUT)/IOUT.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.


Similar Part No. - LTC3250-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3250-1.2 LINER-LTC3250-1.2 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
Analog Devices
LTC3250-1.2 AD-LTC3250-1.2 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results

Similar Description - LTC3250-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.5 LINER-LTC3251-1.5_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.2 LINER-LTC3251-1.2_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com