Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT3904DW1T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBT3904DW1T1G
Description  Dual General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3904DW1T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBT3904DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT3904DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT3904DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT3904DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT3904DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBT3904DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMBT3904DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3904DW1T1G
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(2)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector–Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
IBL
50
nAdc
Collector Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
ICEX
50
nAdc
ON CHARACTERISTICS (2)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
hFE
40
70
100
60
30
300
Collector–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.2
0.3
Vdc
Base–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
0.65
0.85
0.95
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
300
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
8.0
pF
2. Pulse Test: Pulse Width
≤ 300 µs; Duty Cycle ≤2.0%.
Rev.A 2/7
;S-LMBT3904DW1T1G


Similar Part No. - LMBT3904DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3904DW1T1G LRC-LMBT3904DW1T1G Datasheet
188Kb / 7P
   Dual General Purpose Transistor
More results

Similar Description - LMBT3904DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
   Dual General Purpose Transistor
March, 2003 - Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
   Dual General Purpose Transistor
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Transistor
April, 2008 ??Rev. 0
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
   Dual General Purpose Transistor
January, 2004 ??Rev. 2
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
   Dual General Purpose Transistor
November, 2014 ??Rev. 2
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
MBT3906DW1T1 ONSEMI-MBT3906DW1T1 Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N_15 Datasheet
95Kb / 3P
   GENERAL PURPOSE DUAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com