Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT2516QLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBT2516QLT1G
Description  General Purpose Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2516QLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT2516QLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT2516QLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT2516QLT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
-25
V
Collector-Base Voltage
VCBO
-40
V
Emitter-Base Voltage
VEBO
Collector Current
C
-500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,(1)
PD
TA=25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance,Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
PD
Alumina Substrate,(2) TA=25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance,Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
T j, T St g
-55 to +150
°C
1
3
2
SOT–23
PNP Silicon
FEATURE
High current capacity in compact package.
Epitaxial planar type.
NP
N complement:
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
1GB
1GB
1GD
1GD
10000/Tape&Reel
Shipping
3000/Tape&Reel
10000/Tape&Reel
3000/Tape&Reel
1
BASE
2
EMITTER
COLLECTOR
3
1GF
1GF
1GH
10000/Tape&Reel
3000/Tape&Reel
10000/Tape&Reel
3000/Tape&Reel
1GH
We declare that the material of product compliance with RoHS requirements.
LMBT2516QLT1G
Series
I
-5
V
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Rev.O 1/3
LMBT2506QLT1G
LMBT2516PLT1G
LMBT2516PLT3G
LMBT2516QLT1G
LMBT2516QLT3G
LMBT2516RLT1G
LMBT2516RLT3G
LMBT2516SLT1G
LMBT2516SLT3G


Similar Part No. - LMBT2516QLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2516QLT1G LRC-LMBT2516QLT1G Datasheet
138Kb / 3P
   General Purpose Transistors PNP Silicon
More results

Similar Description - LMBT2516QLT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com