Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3204-3.3 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3204-3.3
Description  Low Noise Regulated Charge Pump in 2 2 DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3204-3.3 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3204-3.3 Datasheet HTML 4Page - Linear Technology LTC3204-3.3 Datasheet HTML 5Page - Linear Technology LTC3204-3.3 Datasheet HTML 6Page - Linear Technology LTC3204-3.3 Datasheet HTML 7Page - Linear Technology LTC3204-3.3 Datasheet HTML 8Page - Linear Technology LTC3204-3.3 Datasheet HTML 9Page - Linear Technology LTC3204-3.3 Datasheet HTML 10Page - Linear Technology LTC3204-3.3 Datasheet HTML 11Page - Linear Technology LTC3204-3.3 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5
8
3204fa
Power Efficiency
The power efficiency (η) of the LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5 is similar to that of a linear
regulator with an effective input voltage of twice the actual
input voltage. This occurs because the input current for a
voltage doubling charge pump is approximately twice the
output current. In an ideal regulating voltage doubler the
power efficiency would be given by:
η =
=
=
P
P
V
I
V
I
V
V
OUT
IN
OUT OUT
IN
OUT
OUT
IN
• 2
2
At moderate to high output power, the switching losses
and the quiescent current of the LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5 are negligible and the expres-
sion above is valid. For example, with VIN = 3V, IOUT =
100mA and VOUT regulating to 5V, the measured efficiency
is 81.8% which is in close agreement with the theoretical
83.3% calculation.
Maximum Available Output Current
For the LTC3204-3.3/LTC3204-5/LTC3204B-3.3/
LTC3204B-5,the maximum available output current and
voltage can be calculated from the effective open-loop
output resistance, ROL, and the effective input voltage,
2VIN(MIN).
(fOSC), value of the flying capacitor (CFLY), the nonoverlap
time, the internal switch resistances (RS), and the ESR of
the external capacitors. A first order approximation for
ROL is given below:
R
R
f
C
OL
S
OSC
FLY
≅ ∑
+
2
1
Typical ROL values as a function of temperature are shown
in Figure 2.
Figure 1. Equivalent Open-Loop Circuit
From Fig. 1, the available current is given by:
I
V
V
R
OUT
IN
OUT
OL
=
2
Effective Open Loop Output Resistance (ROL)
Theeffectiveopenloopoutputresistance(ROL)ofacharge
pump is a very important parameter which determines the
strength of the charge pump. The value of this parameter
depends on many factors such as the oscillator frequency
Figure 2. Typical ROL vs Temperature
VIN, VOUT Capacitor Selection
ThestyleandvalueofcapacitorsusedwiththeLTC3204-3.3/
LTC3204-5/LTC3204B-3.3/LTC3204B-5determineseveral
important parameters such as regulator control loop sta-
bility, output ripple, charge pump strength and minimum
start-up time.
To reduce noise and ripple, it is recommended that low
ESR (<0.1Ω) ceramic capacitors be used for both CINand
COUT. These capacitors should be 1µF or greater. Tantalum
and aluminum capacitors are not recommended because
of their high ESR.
The value of COUT directly controls the amount of output
ripple for a given load current. Increasing the size of COUT
will reduce the output ripple at the expense of higher
minimum turn-on time. The peak-to-peak output ripple
is approximately given by the expression:
V
I
f
C
RIPPLE P P
OUT
OSC
OUT
(
)
2
+–
ROL
IOUT
VOUT
2VIN
3204 F01
+
S=1 TO 4
APPLICATIO S I FOR ATIO
3204 F02
TEMPERATURE (
°C)
100
0
50
VIN = 2.7V
VOUT = 4.5V
–50
8
7
6
5
4


Similar Part No. - LTC3204-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
604Kb / 12P
   Low Noise Regulated Charge Pump in 2 X 2 DFN
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Analog Devices
LTC3204-3.3 AD-LTC3204-3.3 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
More results

Similar Description - LTC3204-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3204B-5 LINER-LTC3204B-5_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204-5 LINER-LTC3204-5_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204B-3.3 LINER-LTC3204B-3.3_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204 LINER-LTC3204 Datasheet
604Kb / 12P
   Low Noise Regulated Charge Pump in 2 X 2 DFN
LTC3221 LINER-LTC3221 Datasheet
490Kb / 12P
   Micropower, Regulated Charge Pump in 2 횞 2 DFN
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com