Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2604 Datasheet(PDF) 5 Page - Linear Technology

Part No. LTC2604
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2604 Datasheet(HTML) 5 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2604/LTC2614/LTC2624
5
2604fd
TYPICAL PERFORMANCE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is given by kL = 0.016(2N/VREF),
rounded to the nearest whole code. For VREF = 4.096V and N = 16,
kL = 256, linearity is defined from code 256 to code 65,535.
Note 3: Digital inputs at 0V or VCC.
Note 4: DC crosstalk is measured with VCC = 5V and VREF = 4.096V, with
the measured DAC at midscale, unless otherwise noted.
Note 5: RL = 2kΩ to GND or VCC.
Note 6: Guaranteed by design and not production tested.
Note 7: Inferred from measurement at code 256 (LTC2604), code 64
(LTC2614) or code 16 (LTC2624), and at full scale.
Note 8: VCC = 5V, VREF = 4.096V. DAC is stepped 1/4 scale to 3/4 scale and
3/4 scale to 1/4 scale. Load is 2k in parallel with 200pF to GND.
Note 9: VCC = 5V, VREF = 4.096V. DAC is stepped 1LSB between half scale
and half scale –1. Load is 2k in parallel with 200pF to GND.
Note 10: These specifications apply to LTC2604/LTC2604-1, LTC2614/
LTC2614-1, LTC2624/LTC2624-1.
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2604 G03
3
2
1
0
–1
–2
–3
IOUT (mA)
–35
–25
–15
–5
5
15
25
35
2604 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VREF = VCC = 5V
CODE = MIDSCALE
VREF = VCC = 3V
IOUT (mA)
–40 –30 –20 –10
0
10
20
30
40
2604 G01
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
VREF = VCC = 5V
VREF = VCC = 3V
VREF = VCC = 5V
VREF = VCC = 3V
CODE = MIDSCALE
Current Limiting
Load Regulation
Offset Error vs Temperature
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
2604 G06
3
2
1
0
–1
–2
–3
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2604 G05
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2604 G04
3
2.5
2.0
1.5
1.0
0.5
0
Gain Error vs Temperature
Offset Error vs VCC
Zero-Scale Error vs Temperature
(LTC2604/LTC2604-1, LTC2614/LTC2614-1, LTC2624/LTC2624-1)
The
denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. REF A = REF B = REF C = REF D = 4.096V (VCC = 5V), REF A = REF B = REF C = REF D
= 2.048V (VCC = 2.5V), REF LO = 0V, VOUT unloaded, unless otherwise noted. (Note 10)
TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t10
CS/LD High to SCK Positive Edge
l
7ns
SCK Frequency
50% Duty Cycle
l
50
MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn