Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2604 Datasheet(PDF) 4 Page - Linear Technology

Part No. LTC2604
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2604 Datasheet(HTML) 4 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2604/LTC2614/LTC2624
4
2604fd
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF A = REF B = REF C = REF D = 4.096V (VCC = 5V), REF A = REF B =
REF C = REF D = 2.048V (VCC = 2.5V), REF LO = 0V, VOUT unloaded, unless otherwise noted. (Note 10)
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
LTC2624/LTC2624-1
LTC2614/LTC2614-1
LTC2604/LTC2604-1
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC Performance
ts
Settling Time (Note 8)
±0.024% (±1LSB at 12 Bits)
±0.006% (±1LSB at 14 Bits)
±0.0015% (±1LSB at 16 Bits)
77
9
7
9
10
μs
μs
μs
Settling Time for
1LSB Step (Note 9)
±0.024% (±1LSB at 12 Bits)
±0.006% (±1LSB at 14 Bits)
±0.0015% (±1LSB at 16 Bits)
2.7
2.7
4.8
2.7
4.8
5.2
μs
μs
μs
Voltage Output Slew Rate
0.80
0.80
0.80
V/μs
Capacitive Load Driving
1000
1000
1000
pF
Glitch Impulse
At Midscale Transition
12
12
12
nV • s
Multiplying Bandwidth
180
180
180
kHz
en
Output Voltage Noise
Density
At f = 1kHz
At f = 10kHz
120
100
120
100
120
100
nV√Hz
nV√Hz
Output Voltage Noise
0.1Hz to 10Hz
15
15
15
μVP–P
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.5V to 5.5V
t1
SDI Valid to SCK Setup
l
4ns
t2
SDI Valid to SCK Hold
l
4ns
t3
SCK High Time
l
9ns
t4
SCK Low Time
l
9ns
t5
CS/LD Pulse Width
l
10
ns
t6
LSB SCK High to CS/LD High
l
7ns
t7
CS/LD Low to SCK High
l
7ns
t8
SDO Propagation Delay from SCK Falling Edge
CLOAD = 10pF
VCC = 4.5V to 5.5V
VCC = 2.5V to 5.5V
l
l
20
45
ns
ns
t9
CLR Pulse Width
l
20
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
VCC = 2.5V to 5.5V
l
l
0.8
0.6
V
V
VOH
Digital Output High Voltage
Load Current = –100μA
l VCC – 0.4
V
VOL
Digital Output Low Voltage
Load Current = +100μA
l
0.4
V
ILK
Digital Input Leakage
VIN = GND to VCC
l
±1
μA
CIN
Digital Input Capacitance
(Note 6)
l
8pF
The
denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. REF A = REF B = REF C = REF D = 4.096V (VCC = 5V), REF A = REF B = REF C = REF D
= 2.048V (VCC = 2.5V), REF LO = 0V, VOUT unloaded, unless otherwise noted. (Note 10)
TIMING CHARACTERISTICS
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. REF
A = REF B = REF C = REF D = 4.096V (VCC = 5V), REF A = REF B = REF C = REF D = 2.048V (VCC = 2.5V), REF LO = 0V, VOUT unloaded,
unless otherwise noted. (Note 10)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn