Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2604 Datasheet(PDF) 16 Page - Linear Technology

Part No. LTC2604
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2604 Datasheet(HTML) 16 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC2604/LTC2614/LTC2624
16
2604fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT 0309 REV D • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.096V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1654
Dual 14-Bit Rail-to-Rail VOUT DAC
Programmable Speed/Power
LTC1655/LTC1655L
Single 16-Bit VOUT DAC with Serial Interface in SO-8
VCC = 5V(3V), Low Power, Deglitched
LTC1657/LTC1657L
Parallel 5V/3V 16-Bit VOUT DAC
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1660/LTC1665
Octal 8-Bit/10-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1821
Parallel 16-Bit Voltage Output DAC
Precision 16-Bit Settling in 2μs for 10V Step
LTC2600/LTC2610/LTC2620
Octal 16-Bit/14-Bit/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
250μA per DAC, 2.5V to 5.5V Supply Range
LTC2602/LTC2612/LTC2622
Dual 16-Bit/14-Bit/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
300μA per DAC, 2.5V to 5.5V Supply Range
TYPICAL APPLICATION
90°
I + Q
MODULATOR
RF
LO
Q INPUT
I INPUT
5V
5V
5V
5V
70MHz IN
OUT
1k
10k
10k
1k
10k
10k
20k
0.1μF
0.01μF
0.01μF
20Ω
49.9Ω
49.9Ω
49.9Ω
ZC830
ZC830
47pF
10pF
20pF
*ZETEX
(516) 543-7100
OPTIONAL
5V
5V
LTC2604
CS/LD
SCK
SDI
DAC D
DAC B
OPTIONAL
DAC C
DAC A
0.1μF
0.1μF
20k
100k
2.74k
1%
2.74k
1%
2.74k
1%
2.74k
1%
100k
2.74k
1%
2.74k
1%
2.74k
1%
2.74k
1%
0.1μF
2604 F04
Figure 4. Using DAC A and DAC B for Nearly Continuous Attenuation Control and DAC C and
DAC D to Trim for Minimum LO Feedthrough in a Mixer


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn