Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2604 Datasheet(PDF) 8 Page - Linear Technology

Part No. LTC2604
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2604 Datasheet(HTML) 8 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2604/LTC2614/LTC2624
8
2604fd
CODE
0
4096
8192
12288
16383
2604 G29
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
2μs/DIV
2604 G30
VOUT
100μV/DIV
CS/LD
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
8.9μs
CODE
0
4096
8192
12288
16383
2604 G28
8
6
4
2
0
–2
–4
–6
–8
VCC = 5V
VREF = 4.096V
(LTC2614/LTC2614-1)
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Settling to ±1LSB
5μs/DIV
2604 G27
VOUT
100μV/DIV
CS/LD
2V/DIV
VCC = 5V, VREF = 4.096V
CODE 512 TO 65535 STEP
AVERAGE OF 2048 EVENTS
SETTLING TO ±1LSB
12.3μs
2μs/DIV
2604 G26
VOUT
100μV/DIV
CS/LD
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
9.7μs
Settling to ±1LSB
Settling of Full-Scale Step
TYPICAL PERFORMANCE CHARATERISTICS
(LTC2604/LTC2604-1)
VREF (V)
0
1
2
3
4
5
2604 G25
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5.5V
DNL (POS)
DNL (NEG)
VREF (V)
0
1
2
3
4
5
2604 G24
32
24
16
8
0
–8
–16
–24
–32
VCC = 5.5V
INL (POS)
INL (NEG)
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2604 G23
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
DNL (POS)
DNL (NEG)
DNL vs Temperature
INL vs VREF
DNL vs VREF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn