Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2604 Datasheet(PDF) 7 Page - Linear Technology

Part No. LTC2604
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2604 Datasheet(HTML) 7 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2604/LTC2614/LTC2624
7
2604fd
TYPICAL PERFORMANCE CHARATERISTICS
VOUT
1V/DIV
1μs/DIV
2604 G15
CLR
5V/DIV
1V/DIV
0
–50
–40
–30
–20
–10
0
1
23
4
2604 G19
56
VCC = 5.5V
VREF = 5.6V
CODE = FULL SCALE
VOUT SWEPT VCC TO 0V
1V/DIV
0
0
10
20
30
40
50
1
23
4
2604 G18
56
VCC = 5.5V
VREF = 5.6V
CODE =
0
VOUT SWEPT 0V TO VCC
VOUT
10μV/DIV
SECONDS
0123456789
10
2604 G17
FREQUENCY (Hz)
1k
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
1M
2604 G16
10k
100k
VCC = 5V
VREF (DC) = 2V
VREF (AC) = 0.2VP-P
CODE = FULL SCALE
Hardware CLR
Multiplying Frequency Response
Output Voltage Noise,
0.1Hz to 10Hz
Short-Circuit Output Current vs
VOUT (Sinking)
Short-Circuit Output Current vs
VOUT (Sourcing)
Hardware CLR to Midscale
VOUT
1V/DIV
1μs/DIV
2604 G35
CLR
5V/DIV
VCC = 5V
VREF = 4.096V
CODE = FULL SCALE
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
2604 G22
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
INL (POS)
INL (NEG)
CODE
0
16384
32768
49152
65535
2604 G21
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
CODE
0
16384
32768
49152
65535
2604 G20
32
24
16
8
0
–8
–16
–24
–32
VCC = 5V
VREF = 4.096V
(LTC2604/LTC2604-1)
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL vs Temperature
(LTC2604/LTC2604-1, LTC2614/LTC2614-1, LTC2624/LTC2624-1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn