Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2050HV Datasheet(PDF) 16 Page - Linear Technology

Part No. LTC2050HV
Description  Zero-Drift Operational Amplifiers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2050HV Datasheet(HTML) 16 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC2050/LTC2050HV
16
2050fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1999
LT 0709 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
+
LTC2050
LT1034
+
VOUT
V+
10k
1
2
3
4
5
RSET
0 ≤ IOUT ≤ 4mA
0.2V ≤ VOUT ≤ (V
+) – 1.5V
+
LTC2050
LT1034
+
VOUT
V
10k
1
2
3
4
5
RSET
0 ≤ IOUT ≤ 4mA
(V) + 1.5V ≤ VOUT ≤ – 1V
2050 TA05
IOUT = ———
RSET
1.235V
IOUT = ———
RSET
1.235V
PART NUMBER
DESCRIPTION
COMMENTS
LTC1049
Low Power Zero-Drift Op Amp
Low Supply Current 200μA
LTC1050
Precision Zero-Drift Op Amp
Single Supply Operation 4.75V to 16V, Noise Tested and Guaranteed
LTC1051/LTC1053
Precision Zero-Drift Op Amp
Dual/Quad
LTC1150
±15V Zero-Drift Op Amp
High Voltage Operation ±18V
LTC1152
Rail-to-Rail Input and Output Zero-Drift Op Amp
Single Zero-Drift Op Amp with Rail-to-Rail Input and Output and Shutdown
LT1677
Low Noise Rail-to-Rail Input and Output
Precision Op Amp
VOS = 90μV, VS = 2.7V to 44V
LT1884/LT1885
Rail-to-Rail Output Precision Op Amp
VOS = 50μV, IB = 400pA, VS = 2.7V to 40V
LTC2051
Dual Zero-Drift Op Amp
Dual Version of the LTC2050 in MS8 Package
Ground Referred Precision Current Sources


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn