Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LTC2050HV Datasheet(PDF) 12 Page - Linear Technology

Part No. LTC2050HV
Description  Zero-Drift Operational Amplifiers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2050HV Datasheet(HTML) 12 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC2050/LTC2050HV
12
2050fc
High Precision 3-Input Mux
Instrumentation Amplifier with 100V Common Mode Input Voltage
Low Side Power Supply Current Sensing
+
1
3
4
5
SEL1
10k
1.1k
IN 1
AV = 10
+
1
3
4
5
SEL2
10k
10Ω
IN 2
AV = 1000
+
1
3
4
5
SEL3
IN 3
AV = 1
LTC2050
LTC2050
LTC2050
OUT
SELECT INPUTS ARE CMOS LOGIC COMPATIBLE
2050 TA07
SHDN
SHDN
SHDN
+
LTC2050HV
1
4
3
2050 TA08
5
2
5V
–5V
TO
MEASURED
CIRCUIT
OUT
3V/AMP
LOAD CURRENT
IN MEASURED
CIRCUIT, REFERRED
TO –5V
10Ω
10k
3mΩ
0.1μF
LOAD CURRENT
+
LTC2050HV
+
LTC2050HV
1M
1M
1
3
4
2050 TA06
1k
1M
1k
1k
VOUT
5
2
1
3
4
5
2
V+
V
V+
V
OUTPUT OFFSET ≤3mV
FOR 0.1% RESISTORS, CMRR = 54dB
+
VIN
TYPICAL APPLICATIONS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn