Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LTC2050HV Datasheet(PDF) 10 Page - Linear Technology

Part No. LTC2050HV
Description  Zero-Drift Operational Amplifiers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2050HV Datasheet(HTML) 10 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2050/LTC2050HV
10
2050fc
multiplied by the closed loop gain of the op amp. To reduce
this form of clock feedthrough, use smaller valued gain
setting resistors and minimize the source resistance at the
input. If the resistance seen at the inputs is less than 10k,
this form of clock feedthrough is less than 1μVRMS input
referred at 7.5kHz, or less than the amount of residue clock
feedthrough from the first form described above.
Placing a capacitor across the feedback resistor reduces
either form of clock feedthrough by limiting the bandwidth
of the closed loop gain.
Input bias current is defined as the DC current into the
input pins of the op amp. The same current spikes that
cause the second form of clock feedthrough described
above, when averaged, dominate the DC input bias current
of the op amp below 70°C.
At temperatures above 70°C, the leakage of the ESD
protection diodes on the inputs increases the input bias
currents of both inputs in the positive direction, while
the current caused by the charge injection stays rela-
tively constant. At elevated temperatures (above 85°C) the
leakage current begins to dominate and both the negative
and positive pin’s input bias currents are in the positive
direction (into the pins).
Input Pins, ESD Sensitivity
ESD voltages above 700V on the input pins of the op amp
will cause the input bias currents to increase (more DC
current into the pins). At these voltages, it is possible to
damage the device to a point where the input bias current
exceeds the maximums specified in this data sheet.
Shutdown
The LTC2050 includes a shutdown pin in the 6-lead SOT-23
and the SO-8 version. When this active low pin is high or
allowed to float, the device operates normally. When the
shutdown pin is pulled low, the device enters shutdown
mode; supply current drops to 3μA, all clocking stops, and
both inputs and output assume a high impedance state.
Clock Feedthrough, Input Bias Current
The LTC2050 uses auto-zeroing circuitry to achieve an
almost zero DC offset over temperature, common mode
voltage, and power supply voltage. The frequency of the
clock used for auto-zeroing is typically 7.5kHz. The term
clock feedthrough is broadly used to indicate visibility of
this clock frequency in the op amp output spectrum. There
are typically two types of clock feedthrough in auto zeroed
op amps like the LTC2050.
The first form of clock feedthrough is caused by the settling
of the internal sampling capacitor and is input referred;
that is, it is multiplied by the closed loop gain of the op
amp. This form of clock feedthrough is independent of the
magnitude of the input source resistance or the magnitude
of the gain setting resistors. The LTC2050 has a residue
clock feedthrough of less then 1μVRMS input referred
at 7.5kHz.
The second form of clock feedthrough is caused by the
small amount of charge injection occurring during the
sampling and holding of the op amp’s input offset voltage.
The current spikes are multiplied by the impedance seen at
the input terminals of the op amp, appearing at the output
APPLICATIONS INFORMATION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn