Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2050HV Datasheet(PDF) 8 Page - Linear Technology

Part No. LTC2050HV
Description  Zero-Drift Operational Amplifiers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2050HV Datasheet(HTML) 8 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2050/LTC2050HV
8
2050fc
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs Input
Common Mode Voltage
Input Bias Current vs Input
Common Mode Voltage
(LTC2050HV)
Transient Response
Input Overload Recovery
Sampling Frequency
vs Supply Voltage
Sampling Frequency
vs Temperature
Supply Current vs Supply Voltage
Supply Current vs Temperature
INPUT COMMON MODE VOLTAGE (V)
0
3
5
2050 G13
12
4
160
140
120
100
80
60
40
20
0
VS = 5V
VS = 3V
INPUT COMMON MODE VOLTAGE (V)
60
50
40
30
20
10
0
–10
2050 G15
–5
–3
–1
1
3
5
VS = ±5V
VS = 5V
VS = 3V
SUPPLY VOLTAGE (V)
2.5
5
6
7
3.5
3.0
4.5
4.0
5.0
5.5
2050 G09
8
9
10
6.0
TA = 25°C
TEMPERATURE (°C)
–50
10
9
8
7
6
5
0
50
75
2050 G10
–25
25
100
125
VS = 5V
SUPPLY VOLTAGE (V)
24
6
8
10
1.2
1.0
0.8
0.6
0.4
0.2
0
2050 G11
TA = 25°C
TEMPERATURE (°C)
–50
1.0
0.8
0.6
0.4
0.2
0
0
50
75
2050 G12
–25
25
100
125
VS = 3V
VS = 5V
1μs/DIV
0.5/DIV
2050 G07
AV = 1
RL = 100k
CL = 50pF
VS = 5V
500μs/DIV
INPUT (V)
OUTPUT (V)
–0.2
1.5
0
0
2050 G08
AV = –100
RL = 100k
CL = 10pF
VS = ±1.5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn