Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2050HV Datasheet(PDF) 7 Page - Linear Technology

Part No. LTC2050HV
Description  Zero-Drift Operational Amplifiers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2050HV Datasheet(HTML) 7 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2050/LTC2050HV
7
2050fc
TYPICAL PERFORMANCE CHARACTERISTICS
Common Mode Rejection Ratio
vs Frequency
DC CMRR vs Common Mode Input
Voltage
PSRR vs Frequency
Output Voltage Swing vs Load
Resistance
Output Swing vs Output Current
Output Swing vs Load Resistance
±5V Supply
Output Swing vs Output Current
±5V Supply
Gain/Phase vs Frequency
Bias Current vs Temperature
FREQUENCY (Hz)
20
40
80
120
140
1
100
1k
100k
2050 G01
0
10
10k
60
100
VS = 3V OR 5V
VCM = 0.5VP-P
VCM (V)
20
40
80
120
140
13
4
0
2050 G02
0
25
60
100
VS = 3V
VS = 5V
TA = 25°C
FREQUENCY (Hz)
10
120
100
80
60
40
20
0
100
1k
10k
100k
2050 G14
1M
–PSRR
+PSRR
OUTPUT CURRENT (mA)
0.01
2
3
4
5
0.1
1
10
2050 G04
1
0
6
VS = 5V
VS = 3V
FREQUENCY (Hz)
0
20
40
60
100
100
1k
100k
1M
10M
2050 G05
–20
–40
10k
80
180
160
140
120
100
200
80
GAIN
PHASE
VS = 3V OR 5V
CL = 35pF
RL = 10kΩ
TEMPERATURE (°C)
–25
10
1
100
10k
1k
100
75
2050 G06
–50
125
50
025
VS = 3V
VS = 5V
LOAD RESISTANCE (kΩ)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
8
2050 G16
2
4
6
10
RL TO GND
OUTPUT CURRENT (mA)
0.01
5
4
3
2
1
0
–1
–2
–3
–4
–5
2050 G17
0.1
10
1.0
RL TO GND
LOAD RESISTANCE (kΩ)
0
6
5
4
3
2
1
0
2
4
2050 G03
6
8
10
RL TO GND
VS = 5V
VS = 3V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn