Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR48UBEXP Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR48UBEXP
Description  48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR48UBEXP Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR48UBEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR48UBEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR48UBEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.49
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
Seismic Rack
No
CERTIFICATIONS
Certifications
EIA-310-E
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
UL60950; RoHS
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - SR48UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR48UBEXPND TRIPPLITE-SR48UBEXPND Datasheet
163Kb / 3P
   SmartRack 48U Standard-Depth 4-Post Premium Open Frame Rack with No Sides or Doors
SR48UBEXPNDNR3 TRIPPLITE-SR48UBEXPNDNR3 Datasheet
485Kb / 3P
   48U SmartRack 4-Post Premium Open Frame Rack
More results

Similar Description - SR48UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
   45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR25UBEXP TRIPPLITE-SR25UBEXP Datasheet
497Kb / 3P
   25U SmartRack Standard-Depth Rack Enclosure Cabinet, Expansion Version - side panels not included
SR42UBEXP TRIPPLITE-SR42UBEXP Datasheet
485Kb / 3P
   42U SmartRack Expandable Standard-Depth Server Rack Enclosure Cabinet - side panels not included
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UWEXP TRIPPLITE-SR42UWEXP Datasheet
522Kb / 3P
   42U SmartRack White Standard-Depth Rack Enclosure - side panels not included
SR48UBWD TRIPPLITE-SR48UBWD Datasheet
531Kb / 4P
   48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBSP1 TRIPPLITE-SR48UBSP1 Datasheet
495Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR48UBWDSP1 TRIPPLITE-SR48UBWDSP1 Datasheet
532Kb / 3P
   48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR42UBMDEXP TRIPPLITE-SR42UBMDEXP Datasheet
488Kb / 3P
   42U SmartRack Mid-Depth Expansion Rack - side panels not included
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com