Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3465 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3465
Description  1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465 Datasheet(HTML) 5 Page - Linear Technology

  LT3465 Datasheet HTML 1Page - Linear Technology LT3465 Datasheet HTML 2Page - Linear Technology LT3465 Datasheet HTML 3Page - Linear Technology LT3465 Datasheet HTML 4Page - Linear Technology LT3465 Datasheet HTML 5Page - Linear Technology LT3465 Datasheet HTML 6Page - Linear Technology LT3465 Datasheet HTML 7Page - Linear Technology LT3465 Datasheet HTML 8Page - Linear Technology LT3465 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3465/LT3465A
5
3465afa
PI FU CTIO S
VOUT (Pin 1): Output Pin. Connect to output capacitor and
LEDs. Minimize trace between this pin and output capaci-
tor to reduce EMI.
GND (Pin 2): Ground Pin. Connect directly to local ground
plane.
FB (Pin 3): Feedback Pin. Reference voltage is 200mV.
Connect LEDs and a resistor at this pin. LED current is
determined by the resistance and CTRL pin voltage:
CTRL (Pin 4): Dimming Control and Shutdown Pin. Ground
this pin to shut down the device. When VCTRL is greater
than about 1.8V, full-scale LED current is generated.
When VCTRL is less than 1V, LED current is reduced.
Floating this pin places the device in shutdown mode.
VIN (Pin 5): Input Supply Pin. Must be locally bypassed
with a 1
µF X5R or X7R type ceramic capacitor.
SW (Pin 6): Switch Pin. Connect inductor here.
I
R
mV
mV
n
mV
mV
LED
FB
=
⎝⎜
⎠⎟
1
200
26
1
200
26
•–
exp
exp
p
VmV
mV
mV
CTRL
()
⎝⎜
⎠⎟
+
526
1
⎜⎜
>
for V
mV
CTRL
150


Similar Part No. - LT3465

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3465 LINER-LT3465 Datasheet
375Kb / 12P
   1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
LT3465 LINER-LT3465 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3465 LINER-LT3465 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3465A LINER-LT3465A Datasheet
375Kb / 12P
   1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
LT3465A LINER-LT3465A Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
More results

Similar Description - LT3465

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3465A LINER-LT3465A_15 Datasheet
344Kb / 16P
   1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
LT3465AES6 LINER-LT3465AES6 Datasheet
375Kb / 12P
   1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com